Electronic Components Datasheet Search
  English  ▼

X  

MSA260 Datasheet(PDF) 2 Page - Cirrus Logic

Part # MSA260
Description  Pulse Width Modulation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MSA260 Datasheet(HTML) 2 Page - Cirrus Logic

  MSA260 Datasheet HTML 1Page - Cirrus Logic MSA260 Datasheet HTML 2Page - Cirrus Logic MSA260 Datasheet HTML 3Page - Cirrus Logic MSA260 Datasheet HTML 4Page - Cirrus Logic MSA260 Datasheet HTML 5Page - Cirrus Logic MSA260 Datasheet HTML 6Page - Cirrus Logic MSA260 Datasheet HTML 7Page - Cirrus Logic MSA260 Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P r o d u c t I n n o v a t i o n F r o m
MSA260
2
MSA260U
parameter
Symbol
Min
Max
Units
SUPPLY VOLTAGE
V
S
450
V
SUPPLY VOLTAGE
V
CC
16
V
OUTPUT CURRENT, peak, within SOA
30
A
POWER DISSIPATION, internal, DC
(Note 3)
250
W
SIGNAL INPUT VOLTAGES
5.4
V
TEMPERATURE, pin solder, 10s
225
°C
TEMPERATURE, junction
(Note 2)
150
°C
TEMPERATURE RANGE, storage
−40
105
°C
OPERATING TEMPERATURE, case
−40
85
°C
chArActeriSticSAnDSpeciFicAtionS
AbSolUteMAxiMUMrAtinGS
parameter
testconditions(note)
Min
typ
Max
Units
errorAMpliFier
OFFSET VOLTAGE
Full temperature range
9
mV
BIAS CURRENT, initial
(Note 3)
Full temperature range
500
nA
OFFSET CURRENT, initial
Full temperature range
150
nA
COMMON MODE VOLTAGE RANGE, pos. Full temperature range
0
4
V
SLEW RATE
Full temperature range
1
V/µs
OPEN LOOP GAIN
R
L = 2KΩ
96
dB
UNITY GAIN BANDWIDTH
1
MHz
clocK
LOW LEVEL OUTPUT VOLTAGE
Full temperature range
0.2
V
HIGH LEVEL OUTPUT VOLTAGE
Full temperature range
4.8
V
RISE TIME
7
nS
FALL TIME
7
nS
BIAS CURRENT, pin 22
Full temperature range
0.6
µA
5vreFerenceoUtpUt
VOLTAGE
4.85
5.15
V
LOAD CURRENT
2
mA
oUtpUt
(Note 4)
V
CE(ON), each active IGBT
I
CE = 15A
2.25
V
CURRENT, continuous
V
S = 400V, F = 22kHz
20
A
CURRENT, peak
1mS, V
S = 400V, F = 22kHz
30
A
FlYbAcKDioDe
CONTINUOUS CURRENT
44
20
A
FORWARD VOLTAGE
I
F = 15A
200
1.5
V
REVERSE RECOVERY
I
F = 15A
0.2
0.7
150
nS
SpeciFicAtionS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com