Electronic Components Datasheet Search
  English  ▼

X  

MSA260 Datasheet(PDF) 3 Page - Cirrus Logic

Part # MSA260
Description  Pulse Width Modulation Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MSA260 Datasheet(HTML) 3 Page - Cirrus Logic

  MSA260 Datasheet HTML 1Page - Cirrus Logic MSA260 Datasheet HTML 2Page - Cirrus Logic MSA260 Datasheet HTML 3Page - Cirrus Logic MSA260 Datasheet HTML 4Page - Cirrus Logic MSA260 Datasheet HTML 5Page - Cirrus Logic MSA260 Datasheet HTML 6Page - Cirrus Logic MSA260 Datasheet HTML 7Page - Cirrus Logic MSA260 Datasheet HTML 8Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
P r o d u c t I n n o v a t i o n F r o m
MSA260
MSA260U

NOTES:
1. Unless otherwise noted: T
C=25°C, VCC = 15V, VS = 400V, F = 22kHz.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate
internal power dissipation to achieve high MTBF.
3. Each of the two output transistors on at any one time can dissipate 125W.
4. Maximumspecificationguaranteedbutnottested.
parameter
testconditions(note)
Min
typ
Max
Units
poWerSUpplY
VOLTAGE, V
S
5
400
450
V
VOLTAGE, V
CC
14
15
16
V
CURRENT, V
S, quiescent
22kHz switching
9
28
mA
CURRENT, V
CC, quiescent
22kHzswitching
18
mA
CURRENT, V
CC, shutdown
10
mA
therMAl
RESISTANCE, DC, junction to case
Full temperature range
1
°C/W
RESISTANCE, junction to air
Full temperature range
14
°C/W
TEMPERATURE RANGE, case
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com