Electronic Components Datasheet Search
  English  ▼

X  

PA13 Datasheet(PDF) 6 Page - Cirrus Logic

Part # PA13
Description  Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA13 Datasheet(HTML) 6 Page - Cirrus Logic

  PA13 Datasheet HTML 1Page - Cirrus Logic PA13 Datasheet HTML 2Page - Cirrus Logic PA13 Datasheet HTML 3Page - Cirrus Logic PA13 Datasheet HTML 4Page - Cirrus Logic PA13 Datasheet HTML 5Page - Cirrus Logic PA13 Datasheet HTML 6Page - Cirrus Logic PA13 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m

PA13U
PA13 • PA13A
1. Capacitiveanddynamic*inductiveloadsuptothefollowingmaximumaresafewiththecurrentlimitssetas
specified.
CAPACITIVE LOAD
INDUCTIVE LOAD
±V
S
I
LIM=5A
I
LIM=10A
I
LIM=5A
I
LIM=10A
50V
200µF
125µF
5mH
2.0mH
40V
500µF
350µF
15mH
3.0mH
35V
2.0mF
850µF
50mH
5.0mH
30V
7.0mF
2.5mF
150mH
10mH
25V
25mF
10mF
500mH
20mH
20V
60mF
20mF
1,000mH
30mH
15V
150mF
60mF
2,500mH
50mH
*Iftheinductiveloadisdrivennearsteadystateconditions,allowingtheoutputvoltagetodropmorethan12.5Vbe-
lowthesupplyrailwithILIM=10Aor27VbelowthesupplyrailwithILIM=5Awhiletheamplifieriscurrentlimiting,
theinductormustbecapacitivelycoupledorthecurrentlimitmustbeloweredtomeetSOAcriteria.
2. TheamplifiercanhandleanyEMFgeneratingorreactiveloadandshortcircuitstothesupplyrailorcommonif
thecurrentlimitsaresetasfollowsatTC=25°C:
SHORT TO ±V
S
SHORT TO
±V
S
C, L, OR EMF LOAD
COMMON
45V
.43A
3.0A
40V
.65A
3.4A
35V
1.0A
3.9A
30V
1.7A
4.5A
25V
2.7A
5.4A
20V
3.4A
6.7A
15V
4.5A
9.0A
Thesesimplifiedlimitsmaybeexceededwithfurtheranalysisusingtheoperatingconditionsforaspecificapplica-
tion.
CURRENT LIMITING
RefertoApplicationNote9,"CurrentLimiting",fordetailsofbothfixedandfoldovercurrentlimitoperation.Visitthe
Apexwebsiteatwww.cirrus.comforacopyofPower_design.exewhichplotscurrentlimitsvs.steadystateSOA.
Bewarethatcurrentlimitshouldbethoughtofasa±20%functioninitiallyandvariesabout2:1overtherangeof
–55°Cto125°C.
Forfixedcurrentlimit,leavepin4openanduseequations1and2.
R
CL =
0.65
I
CL
(1)
I
CL =
0.65
R
CL
(2)
Where:
I
CListhecurrentlimitinamperes.
R
CListhecurrentlimitresistorinohms.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com