Electronic Components Datasheet Search
  English  ▼

X  

PA13 Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA13
Description  Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

PA13 Datasheet(HTML) 2 Page - Cirrus Logic

  PA13 Datasheet HTML 1Page - Cirrus Logic PA13 Datasheet HTML 2Page - Cirrus Logic PA13 Datasheet HTML 3Page - Cirrus Logic PA13 Datasheet HTML 4Page - Cirrus Logic PA13 Datasheet HTML 5Page - Cirrus Logic PA13 Datasheet HTML 6Page - Cirrus Logic PA13 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m

PA13U
PA13 • PA13A
Theexposedsubstratecontainsberyllia(BeO).Donotcrush,machine,orsubjecttotemperatures
inexcessof850°Ctoavoidgeneratingtoxicfumes.
CAUTION
Parameter
Symbol
Min
Max
Units
SUPPLYVOLTAGE,+V
Sto-VS
100
V
OUTPUTCURRENT,withinSOA
15
A
POWERDISSIPATION,internal
135
W
INPUTVOLTAGE,differential
-37
37
V
INPUTVOLTAGE,commonmode
-V
S
V
S
V
TEMPERATURE,pinsolder,10smax.
260
°C
TEMPERATURE,junction(Note3)
175
°C
TEMPERATURERANGE,storage
−40
85
°C
OPERATINGTEMPERATURERANGE,case
−25
85
°C
1. ChARACtERistiCs ANd sPECifiCAtioNs
AbSOLUTE MAxIMUM RATINGS – PA13/PA13A
Parameter
Test Condi-
tions2,5
PA13
PA13A
Units
Min
Typ
Max
Min
Typ
Max
INPUT
OFFSETVOLTAGE,initial
±2
±6
±1
±4
mV
OFFSETVOLTAGEvs.temp
Fulltemprange
±10
±65
*
±40
µV/°C
OFFSETVOLTAGEvs.supply
±30
±200
*
*
µV/V
OFFSETVOLTAGEvs.power
±20
*
µV/W
BIASCURRENT,initial
±12
±30
±10
±20
nA
BIASCURRENT,vs.temp
Fulltemprange
±50
±500
*
*
pA/°C
BIASCURRENT,vs.supply
±10
*
pA/V
OFFSETCURRENT,initial
±12
±30
±5
±10
nA
OFFSETCURRENT,vs.temp
Fulltemprange
±50
*
pA/°C
INPUTIMPEDANCE,DC
200
*
MΩ
INPUTCAPACITANCE
3
*
pF
COMMONMODEVOLTAGE
RANGE(Note4)
Fulltemprange ±V
S-5
±V
S-3
*
*
V
COMMONMODEREJECTION,
DC
Fulltemprange,
V
CM=±VS–6V
74
100
*
*
dB
SPECIFICATIONS
12-pin siP
PACKAGE
STYLE DP
Formedleadsavaliable
SeepackagestyleEE
ExTERNAL CONNECTIONS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com