Electronic Components Datasheet Search
  English  ▼

X  

AT27C080 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT27C080
Description  8-Megabit (1M x 8) OTP EPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT27C080_07 Datasheet HTML 4Page - ATMEL Corporation AT27C080_07 Datasheet HTML 5Page - ATMEL Corporation AT27C080_07 Datasheet HTML 6Page - ATMEL Corporation AT27C080_07 Datasheet HTML 7Page - ATMEL Corporation AT27C080_07 Datasheet HTML 8Page - ATMEL Corporation AT27C080_07 Datasheet HTML 9Page - ATMEL Corporation AT27C080_07 Datasheet HTML 10Page - ATMEL Corporation AT27C080_07 Datasheet HTML 11Page - ATMEL Corporation AT27C080_07 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
0360L–EPROM–12/07
AT27C080
Notes:
1. V
CC must be applied simultaneously or before OE/VPP and removed simultaneously or after OE/VPP.
2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven –
see timing diagram.
3. Program Pulse width tolerance is 50 µs ± 5%.
15. DC Programming Characteristics
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, OE/VPP = 13.0 ± 0.25V
Symbol
Parameter
Test Conditions
Limits
Units
Min
Max
I
LI
Input Load Current
V
IN = VIL, VIH
±10
µA
VIL
Input Low Level
-0.6
0.8
V
V
IH
Input High Level
2.0
V
CC + 1.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
0.4
V
VOH
Output High Voltage
IOH = -400 µA
2.4
V
I
CC2
V
CC Supply Current (Program and Verify)
40
mA
IPP2
OE/VPP Supply Current
CE = VIL
25
mA
VID
A9 Product Identification Voltage
11.5
12.5
V
16. AC Programming Characteristics
T
A = 25 ± 5°C, VCC = 6.5 ± 0.25V, OE/VPP = 13.0 ± 0.25V
Symbol
Parameter
Test Conditions(1)
Limits
Units
Min
Max
t
AS
Address Setup Time
Input Rise and Fall Times:
(10% to 90%) 20 ns
Input Pulse Levels:
0.45V to 2.4V
Input Timing Reference Level:
0.8V to 2.0V
Output Timing Reference Level:
0.8V to 2.0V
2.0
µs
tOES
OE/VPP Setup Time
2.0
µs
t
OEH
OE/V
PP Hold Time
2.0
µs
t
DS
Data SetupTime
2.0
µs
tAH
Address Hold Time
0.0
µs
t
DH
Data Hold Time
2.0
µs
t
DFP
CE High to Output Float Delay(2)
0.0
130
ns
tVCS
VCC Setup Time
2.0
µs
t
PW
CE Program Pulse Width(3)
47.5
52.5
µs
t
DV
Data Valid from CE
1.0
µs
tVR
OE/VPP Recovery Time
2.0
ns
tPRT
OE/V
PP Pulse Rise Time During
Programming
50
ns
17. Atmel’s AT27C080 Integrated Product Identification Code
Codes
Pins
Hex Data
A0
O7
O6
O5
O4
O3
O2
O1
O0
Manufacturer
00001
1110
1E
Device Type
11000
1010
8A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com