Electronic Components Datasheet Search
  English  ▼

X  

AT27C080 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT27C080
Description  8-Megabit (1M x 8) OTP EPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT27C080 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT27C080_07 Datasheet HTML 6Page - ATMEL Corporation AT27C080_07 Datasheet HTML 7Page - ATMEL Corporation AT27C080_07 Datasheet HTML 8Page - ATMEL Corporation AT27C080_07 Datasheet HTML 9Page - ATMEL Corporation AT27C080_07 Datasheet HTML 10Page - ATMEL Corporation AT27C080_07 Datasheet HTML 11Page - ATMEL Corporation AT27C080_07 Datasheet HTML 12Page - ATMEL Corporation AT27C080_07 Datasheet HTML 13Page - ATMEL Corporation AT27C080_07 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
0360L–EPROM–12/07
AT27C080
20.2
32P6 – PDIP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
32P6, 32-lead (0.600"/15.24 mm Wide) Plastic Dual
Inline Package (PDIP)
B
32P6
09/28/01
PIN
1
E1
A1
B
REF
E
B1
C
L
SEATING PLANE
A
0º ~ 15º
D
e
eB
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A
–
–
4.826
A1
0.381
–
–
D
41.783
–
42.291
Note 1
E
15.240
–
15.875
E1
13.462
–
13.970
Note 1
B
0.356
–
0.559
B1
1.041
–
1.651
L
3.048
–
3.556
C
0.203
–
0.381
eB
15.494
–
17.526
e
2.540 TYP
Note:
1. Dimensions D and E1 do not include mold Flash or Protrusion.
Mold Flash or Protrusion shall not exceed 0.25 mm (0.010").



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com