Electronic Components Datasheet Search
  English  ▼

X  

SA07 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA07
Description  Pulse Width Modulation Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA07 Datasheet(HTML) 1 Page - Cirrus Logic

  SA07 Datasheet HTML 1Page - Cirrus Logic SA07 Datasheet HTML 2Page - Cirrus Logic SA07 Datasheet HTML 3Page - Cirrus Logic SA07 Datasheet HTML 4Page - Cirrus Logic SA07 Datasheet HTML 5Page - Cirrus Logic SA07 Datasheet HTML 6Page - Cirrus Logic SA07 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA07
SA07U

FEATURES
♦500kHzSWITCHING
♦FULLBRIDGEOUTPUT5-40V(80VP-P)
♦5AOUTPUT
♦1IN2FOOTPRINT
♦FAULTPROTECTION
♦SHUTDOWNCONTROL
♦SYNCHRONIZABLECLOCK
♦HERMETICPACKAGE
APPLICATIONS
♦HIGHFIDELITYAUDIOAMPLIFIER
♦BRUSHTYPEMOTORCONTROL
♦VIBRATIONCANCELLINGAMPLIFIER
Pulse Width Modulation Amplifiers
SA07
P r o d u c t I n n o v a t i o n F r o m
Copyright © Cirrus Logic, Inc. 2008
(All Rights Reserved)
http://www.cirrus.com
AUG2008
APEX − SA07REVD
DESCRIPTION
The SA07 amplifier is a 40 volt, 500kHz PWM amplifier.
The full bridge output circuit provides 5 amps of con-
tinuous drive current for applications as diverse as high
fidelity audio and brush type motors. Clock output and
input pins can be used for synchronization with other
amplifiers or an externally generated clock. An inte-
grator amplifier is provided. Direct access to the pwm
input is provided for connection to digital motion con-
trol circuits. Protection circuits guard against thermal
overloads as well as shorts to supply or ground. The
current limit is programmable with one or two external
resistors depending on the application. A shutdown in-
put disables all output bridge drivers. The 18 pin steel
package is hermetically sealed.
BLOCK DIAGRAM
AND TYPICAL APPLICATION CONNECTIONS HIGH FIDELITY AUDIO


Similar Part No. - SA07

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
SA07 MITSUBISHI-SA07 Datasheet
64Kb / 4P
THYRISTOR ARRAY SA SERIES FOR STROBE FLASHER
logo
Cirrus Logic
SA07 APEX-SA07 Datasheet
276Kb / 5P
PULSE WIDTH MODULATION AMPLIFIERS
logo
Bothhand USA, LP.
SA0705 BOTHHAND-SA0705 Datasheet
6Mb / 8P
6-15 Watt Switching Adapter
SA0706 BOTHHAND-SA0706 Datasheet
6Mb / 8P
6-15 Watt Switching Adapter
SA0707 BOTHHAND-SA0707 Datasheet
6Mb / 8P
6-15 Watt Switching Adapter
More results

Similar Description - SA07

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA07 APEX-SA07 Datasheet
276Kb / 5P
PULSE WIDTH MODULATION AMPLIFIERS
SA08 APEX-SA08 Datasheet
239Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA12 APEX-SA12 Datasheet
244Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA08 APEX-SA08_06 Datasheet
239Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
logo
AUK corp
S494P AUK-S494P_1 Datasheet
353Kb / 9P
Pulse Width Modulation
logo
Cirrus Logic
SA12 APEX-SA12_07 Datasheet
268Kb / 4P
PULSE WIDTH MODULATION AMPLIFIERS
SA09 CIRRUS-SA09 Datasheet
521Kb / 7P
Pulse Width Modulation Amplifiers
MSA240 CIRRUS-MSA240 Datasheet
214Kb / 5P
Pulse Width Modulation Amplifiers
SA08 CIRRUS-SA08 Datasheet
201Kb / 5P
Pulse Width Modulation Amplifiers
SA12 CIRRUS-SA12 Datasheet
201Kb / 5P
Pulse Width Modulation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com