Electronic Components Datasheet Search
  English  ▼

X  

SA07 Datasheet(PDF) 3 Page - Cirrus Logic

Part # SA07
Description  Pulse Width Modulation Amplifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

SA07 Datasheet(HTML) 3 Page - Cirrus Logic

  SA07 Datasheet HTML 1Page - Cirrus Logic SA07 Datasheet HTML 2Page - Cirrus Logic SA07 Datasheet HTML 3Page - Cirrus Logic SA07 Datasheet HTML 4Page - Cirrus Logic SA07 Datasheet HTML 5Page - Cirrus Logic SA07 Datasheet HTML 6Page - Cirrus Logic SA07 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P r o d u c t I n n o v a t i o n F r o m
SA07
SA07U

SPECIFICATIONS
Parameter
(Note 1)
Test Conditions
Min
Typ
Max
Units
ERROR AMP, CLOCK REF
(Note 4)
OFFSETVOLTAGE
10
mV
BIASCURRENT
50
pA
OFFSETCURRENT
30
pA
COMMONMODEVOLTAGERANGE
0
3
V
COMMON MODE REJECTION, DC
70
dB
SLEWRATE
12
V/µS
OPENLOOPGAIN
100
dB
GAINBANDWIDTHPRODUCT
10
MHz
CLOCKOUT
0.98
1
1.02
MHz
CLOCK OUT, high level
4.7
5.3
V
CLOCK OUT, low level
0
0.2
V
5VOUT
LOAD ≤ 5mA
4.988
5
5.012
V
OUTPUT
EFFICIENCY, 5A output
V
S=40V
94
%
SWITCHINGFREQUENCY
500
kHz
CURRENT, continuous
5
A
CURRENT, peak
(Note 4)
100 ms, 10% duty cycle
7
A
R
DS(ON)
(Note 4)
0.55
Ω
POWER SUPPLY
VOLTAGE, V
CC
Full temperature range
10
12
16
V
VOLTAGE, V
S
Full temperature range
5
40
V
CURRENT, V
CC
Switching
50
mA
CURRENT, V
S
Switching, no load
90
mA
INPUTS
(Note 4)
I
LIM/SHDN, trip point
90
110
mV
–PWM, +PWM, low level
0
0.8
V
–PWM, +PWM, high level
2.7
V
CC
V
CLOCK IN, low level
0
0.3
V
CLOCK IN, high level
3
5.6
V
THERMAL
(Note 2)
RESISTANCE, junction to case
Full temperature range
3.5
°C/W
RESISTANCE, junction to air
Full temperature range
15
°C/W
TEMPERATURE RANGE, case
Meets full range specifications
-25
85
°C
NOTES:
1. All Min/Max characteristics and specifications are guaranteed over the Specified Operating Condi-
tions. Typical performance characteristics and specifications are derived from measurements taken
at typical supply voltages and T
C = 25°C.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate
internal power dissipation to achieve high MTTF. For guidance, refer to the heatsink datasheet.
3. 40W in each of the two active output transistors on at any one time.
4. Min max values guaranteed but not tested.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com