Electronic Components Datasheet Search
  English  ▼

X  

ATF1502AS Datasheet(PDF) 19 Page - ATMEL Corporation

Part # ATF1502AS
Description  Highperformance EEPROM CPLD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502AS Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button ATF1502AS Datasheet HTML 15Page - ATMEL Corporation ATF1502AS Datasheet HTML 16Page - ATMEL Corporation ATF1502AS Datasheet HTML 17Page - ATMEL Corporation ATF1502AS Datasheet HTML 18Page - ATMEL Corporation ATF1502AS Datasheet HTML 19Page - ATMEL Corporation ATF1502AS Datasheet HTML 20Page - ATMEL Corporation ATF1502AS Datasheet HTML 21Page - ATMEL Corporation ATF1502AS Datasheet HTML 22Page - ATMEL Corporation ATF1502AS Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19
ATF1502AS(L)
0995K–PLD–6/05
NORMALIZED TCO
VS. SUPPLY VOLTAGE (TA = 25°C)
0.8
0.9
1.0
1.1
1.2
4.5
4.8
5.0
5.3
5.5
SUPPLY VOLTAGE (V)
NORMALIZED TSU VS. SUPPLY VOLTAGE (TA = 25°C)
0.8
0.9
1.0
1.1
1.2
4.5
4.8
5.0
5.3
5.5
SUPPLY VOLTAGE (V)
NORMALIZED TCO
VS. TEMPERATURE (VCC = 5.0V)
0.8
0.9
1.0
1.1
1.2
-40.0
0.0
25.0
75.0
TEMPERATURE (C)
NORMALIZED TSU
VS. TEMPERATURE (VCC = 5.0V)
0.8
0.9
1.0
1.1
1.2
-40.0
0.0
25.0
75.0
TEMPERATURE (C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com