Electronic Components Datasheet Search
  English  ▼

X  

ATF1502AS Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF1502AS
Description  Highperformance EEPROM CPLD
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502AS Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF1502AS Datasheet HTML 2Page - ATMEL Corporation ATF1502AS Datasheet HTML 3Page - ATMEL Corporation ATF1502AS Datasheet HTML 4Page - ATMEL Corporation ATF1502AS Datasheet HTML 5Page - ATMEL Corporation ATF1502AS Datasheet HTML 6Page - ATMEL Corporation ATF1502AS Datasheet HTML 7Page - ATMEL Corporation ATF1502AS Datasheet HTML 8Page - ATMEL Corporation ATF1502AS Datasheet HTML 9Page - ATMEL Corporation ATF1502AS Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
ATF1502AS(L)
0995K–PLD–6/05
Input Diagram
I/O Diagram
Speed/Power
Management
The ATF1502AS has several built-in speed and power management features. The
ATF1502AS contains circuitry that automatically puts the device into a low-power standby
mode when no logic transitions are occurring. This not only reduces power consumption dur-
ing inactive periods, but also provides proportional power savings for most applications
running at system speeds below 50 MHz. This feature may be selected as a design option.
To further reduce power, each ATF1502AS macrocell has a reduced-power bit feature. This
feature allows individual macrocells to be configured for maximum power savings. This feature
may be selected as a design option.
The ATF1502AS also has an optional power-down mode. In this mode, current drops to below
10 mA. When the power-down option is selected, either PD1 or PD2 pins (or both) can be
used to power down the part. The power-down option is selected in the design source file.
When enabled, the device goes into power-down when either PD1 or PD2 is high. In the
power-down mode, all internal logic signals are latched and held, as are any enabled outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com