Electronic Components Datasheet Search
  English  ▼

X  

ATF1508AS Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF1508AS
Description  Highperformance EE PLD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF1508AS Datasheet HTML 1Page - ATMEL Corporation ATF1508AS Datasheet HTML 2Page - ATMEL Corporation ATF1508AS Datasheet HTML 3Page - ATMEL Corporation ATF1508AS Datasheet HTML 4Page - ATMEL Corporation ATF1508AS Datasheet HTML 5Page - ATMEL Corporation ATF1508AS Datasheet HTML 6Page - ATMEL Corporation ATF1508AS Datasheet HTML 7Page - ATMEL Corporation ATF1508AS Datasheet HTML 8Page - ATMEL Corporation ATF1508AS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
1
Features
• High-density, High-performance, Electrically-erasable Complex
Programmable Logic Device
– 128 Macrocells
– 5 Product Terms per Macrocell, Expandable up to 40 per Macrocell
– 84, 100, 160 Pins
– 7.5 ns Maximum Pin-to-pin Delay
– Registered Operation up to 125 MHz
– Enhanced Routing Resources
• Flexible Logic Macrocell
– D/T/Latch Configured Flip-flops
– Global and Individual Register Control Signals
– Global and Individual Output Enable
– Programmable Output Slew Rate
– Programmable Output Open Collector Option
– Maximum Logic Utilization by Burying a Register within a COM Output
• Advanced Power Management Features
– Automatic 10 µA Standby for “L” Version
– Pin-controlled 1 mA Standby Mode
– Programmable Pin-keeper Inputs and I/Os
– Reduced-power Feature per Macrocell
• Available in Commercial and Industrial Temperature Ranges
• Available in 84-lead PLCC, 100-lead PQFP, 100-lead TQFP and 160-lead PQFP Packages
• Advanced EE Technology
– 100% Tested
– Completely Reprogrammable
– 10,000 Program/Erase Cycles
– 20-year Data Retention
– 2000V ESD Protection
– 200 mA Latch-up Immunity
• JTAG Boundary-scan Testing to IEEE Std. 1149.1-1990 and 1149.1a-1993 Supported
• Fast In-System Programmability (ISP) via JTAG
• PCI-compliant
• 3.3 or 5.0V I/O Pins
• Security Fuse Feature
• Green (Pb/Halide-free/RoHS Compliant) Package Options
Enhanced Features
• Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
• Output Enable Product Terms
• Transparent-latch Mode
• Combinatorial Output with Registered Feedback within Any Macrocell
• Three Global Clock Pins
• ITD (Input Transition Detection) Circuits on Global Clocks, Inputs and I/O
• Fast Registered Input from Product Term
• Programmable “Pin-keeper” Option
• V
CC Power-up Reset Option
• Pull-up Option on JTAG Pins TMS and TDI
• Advanced Power Management Features
– Edge-controlled Power-down “L”
– Individual Macrocell Power Option
– Disable ITD on Global Clocks, Inputs and I/O for “Z” Parts
High-
performance
EE PLD
ATF1508AS
ATF1508ASL
Rev. 0784P–PLD–7/05


Similar Part No. - ATF1508AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1508AS ATMEL-ATF1508AS Datasheet
393Kb / 22P
High Performance E2 PLD
ATF1508AS-10AC100 ATMEL-ATF1508AS-10AC100 Datasheet
393Kb / 22P
High Performance E2 PLD
ATF1508AS-10JC84 ATMEL-ATF1508AS-10JC84 Datasheet
393Kb / 22P
High Performance E2 PLD
ATF1508AS-10QC100 ATMEL-ATF1508AS-10QC100 Datasheet
393Kb / 22P
High Performance E2 PLD
ATF1508AS-10QC160 ATMEL-ATF1508AS-10QC160 Datasheet
393Kb / 22P
High Performance E2 PLD
More results

Similar Description - ATF1508AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CZ ATMEL-ATF22V10CZ Datasheet
281Kb / 9P
Highperformance EE PLD
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
Highperformance EE PLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
Highperformance EE PLD
ATF16V8B ATMEL-ATF16V8B_05 Datasheet
640Kb / 26P
Highperformance EE PLD
ATF20V8B ATMEL-ATF20V8B_06 Datasheet
667Kb / 22P
Highperformance EE PLD
ATF16V8C ATMEL-ATF16V8C_99 Datasheet
503Kb / 18P
Highperformance EE PLD
ATF22V10C ATMEL-ATF22V10C_08 Datasheet
408Kb / 22P
Highperformance EE PLD
ATF22V10CZ ATMEL-ATF22V10CZ_07 Datasheet
280Kb / 20P
Highperformance EE PLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
Highperformance EE PLD
ATF1508ASV ATMEL-ATF1508ASV_05 Datasheet
599Kb / 28P
Highperformance EE PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com