Electronic Components Datasheet Search
  English  ▼

X  

ATF1508AS Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATF1508AS
Description  Highperformance EE PLD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1508AS Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATF1508AS Datasheet HTML 23Page - ATMEL Corporation ATF1508AS Datasheet HTML 24Page - ATMEL Corporation ATF1508AS Datasheet HTML 25Page - ATMEL Corporation ATF1508AS Datasheet HTML 26Page - ATMEL Corporation ATF1508AS Datasheet HTML 27Page - ATMEL Corporation ATF1508AS Datasheet HTML 28Page - ATMEL Corporation ATF1508AS Datasheet HTML 29Page - ATMEL Corporation ATF1508AS Datasheet HTML 30Page - ATMEL Corporation ATF1508AS Datasheet HTML 31Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
29
ATF1508AS(L)
0784P–PLD–7/05
160Q1 – PQFP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
160Q1
A
3/28/02
160Q1, 160-lead, 28 x 28 mm Body, 3.2 Form Opt.,
Plastic Quad Flat Pack (PQFP)
E
D
E1
D1
A2
A1
b
L1
e
Side View
Top View
Bottom View
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
A1
0.25
–
0.50
5
A2
3.20
3.40
3.60
D
31.20 BSC
2
D1
28.00 BSC
3
E
31.20 BSC
2
E1
28.00 BSC
3
e
0.65 BSC
b
0.22
–
0.40
4
L1
1.60 REF
Notes: 1. This drawing is for general information only. Refer to JEDEC Drawing
MS-022, Variation DD-1, for additional information.
2. To be determined at seating plane.
3. Regardless of the relative size of the upper and lower body sections,
dimensions D1 and E1 are determined at the largest feature of the body
exclusive of mold Flash and gate burrs, but including any mismatch
between the upper and lower sections of the molded body.
4. Dimension b does not include Dambar protrusion. The Dambar
protrusion(s) shall not cause the lead width to exceed b maximum by more
than 0.08 mm. Dambar cannot be located on the lower radius or the lead
foot.
5. A1 is defined as the distance from the seating plane to the lowest point of
the package body.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com