Electronic Components Datasheet Search
  English  ▼

X  

AT94S Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT94S
Description  Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94S Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT94S Datasheet HTML 9Page - ATMEL Corporation AT94S Datasheet HTML 10Page - ATMEL Corporation AT94S Datasheet HTML 11Page - ATMEL Corporation AT94S Datasheet HTML 12Page - ATMEL Corporation AT94S Datasheet HTML 13Page - ATMEL Corporation AT94S Datasheet HTML 14Page - ATMEL Corporation AT94S Datasheet HTML 15Page - ATMEL Corporation AT94S Datasheet HTML 16Page - ATMEL Corporation AT94S Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
2314E–FPSLI–6/05
AT94S Secure Family
4.10
In-System Programming Applications
The AT94S Series Configurators are in-system (re)programmable (ISP). The example shown on
the following page supports the following programmer functions:
1.
Read the Manufacturer’s Code and the Device Code.
2.
Program the device.
3.
Verify the device data.
While Atmel’s Secure FPSLIC Configurators can be programmed from various sources (e.g., on-
board microcontrollers or PLDs), the applications shown here are designed to facilitate users of
our ATDH2225 Configurator Programming Cable. The typical system setup is shown in Figure 4-
2.
The pages within the configuration EEPROM can be selectively rewritten.
This document is limited to example implementations for Atmel’s AT94S application.
Figure 4-2.
Typical System Setup
The diode connection between the AT94S’ RESET pin and the SER_EN signal allows the exter-
nal programmer to force the FPGA into a reset state during ISP. This eliminates the potential for
contention on the cSCK line. The pull-up resistors required on the lines to RESET, CON and
INIT are present on the inputs (internally) to the AT94S FPSLIC, see Figure 4-3.
PC
Secure
FPSLIC
Target System
10-pin
Ribbon
Cable
Programming
Dongle
In-System
Programming
Connector
Header
ATDH2225
10
Secure
FPSLIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com