Electronic Components Datasheet Search
  English  ▼

X  

AT89LP2052 Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT89LP2052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT89LP2052 Datasheet HTML 26Page - ATMEL Corporation AT89LP2052 Datasheet HTML 27Page - ATMEL Corporation AT89LP2052 Datasheet HTML 28Page - ATMEL Corporation AT89LP2052 Datasheet HTML 29Page - ATMEL Corporation AT89LP2052 Datasheet HTML 30Page - ATMEL Corporation AT89LP2052 Datasheet HTML 31Page - ATMEL Corporation AT89LP2052 Datasheet HTML 32Page - ATMEL Corporation AT89LP2052 Datasheet HTML 33Page - ATMEL Corporation AT89LP2052 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 93 page
background image
30
3547I–MICRO–6/08
AT89LP2052/LP4052
and a low in the next cycle, interrupt request flag IEx in TCON is set. Flag bit IEx then requests
the interrupt. Since the external interrupt pins are sampled once each clock cycle, an input high
or low should hold for at least 2 oscillator periods to ensure sampling. If the external interrupt is
transition-activated, the external source has to hold the request pin high for at least two clock
cycles, and then hold it low for at least two clock cycles to ensure that the transition is seen so
that interrupt request flag IEx will be set. IEx will be automatically cleared by the CPU when the
service routine is called if generated in edge-triggered mode. If the external interrupt is level-acti-
vated, the external source has to hold the request active until the requested interrupt is actually
generated. Then the external source must deactivate the request before the interrupt service
routine is completed, or else another interrupt will be generated.
18. Serial Interface
The serial port is full-duplex, which means it can transmit and receive simultaneously. It is also
receive-buffered, which means it can begin receiving a second byte before a previously received
byte has been read from the receive register. (However, if the first byte still has not been read
when reception of the second byte is complete, the first byte will be lost.) The serial port receive
and transmit registers are both accessed at Special Function Register SBUF. Writing to SBUF
loads the transmit register, and reading SBUF accesses a physically separate receive register.
The serial port can operate in the following four modes.
Mode 0: Half-Duplex serial data enters or exits through RXD. TXD outputs the shift clock. Eight
data bits are transmitted/received, with the LSB first. The baud rate is fixed at 1/2 the oscillator
frequency.
Mode 1: 10 bits are transmitted (through TXD) or received (through RXD): a start bit (0), 8 data
bits (LSB first), and a stop bit (1). On receive, the stop bit goes into RB8 in Special Function
Register SCON. The baud rate is variable based on Timer 1 overflow.
Mode 2: 11 bits are transmitted (through TXD) or received (through RXD): a start bit (0), 8 data
bits (LSB first), a programmable ninth data bit, and a stop bit (1). On transmit, the 9th data bit
(TB8 in SCON) can be assigned the value of “0” or “1”. For example, the parity bit (P, in the
PSW) can be moved into TB8. On receive, the 9th data bit goes into RB8 in Special Function
Register SCON, while the stop bit is ignored. The baud rate is programmable to either 1/16 or
1/32 the oscillator frequency.
Mode 3: 11 bits are transmitted (through TXD) or received (through RXD): a start bit (0), 8 data
bits (LSB first), a programmable ninth data bit, and a stop bit (1). In fact, Mode 3 is the same as
Mode 2 in all respects except the baud rate, which in Mode 3 is variable based on Timer 1
overflow.
In all four modes, transmission is initiated by any instruction that uses SBUF as a destination
register. Reception is initiated in Mode 0 by the condition RI = 0 and REN = 1. Reception is initi-
ated in the other modes by the incoming start bit if REN = 1.
18.1
Multiprocessor Communications
Modes 2 and 3 have a special provision for multiprocessor communications. In these modes, 9
data bits are received, followed by a stop bit. The ninth bit goes into RB8. Then comes a stop bit.
The port can be programmed such that when the stop bit is received, the serial port interrupt is
activated only if RB8 = 1. This feature is enabled by setting bit SM2 in SCON.
The following example shows how to use the serial interrupt for multiprocessor communications.
When the master processor must transmit a block of data to one of several slaves, it first sends



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com