Electronic Components Datasheet Search
  English  ▼

X  

AT89LP2052 Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT89LP2052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT89LP2052 Datasheet HTML 43Page - ATMEL Corporation AT89LP2052 Datasheet HTML 44Page - ATMEL Corporation AT89LP2052 Datasheet HTML 45Page - ATMEL Corporation AT89LP2052 Datasheet HTML 46Page - ATMEL Corporation AT89LP2052 Datasheet HTML 47Page - ATMEL Corporation AT89LP2052 Datasheet HTML 48Page - ATMEL Corporation AT89LP2052 Datasheet HTML 49Page - ATMEL Corporation AT89LP2052 Datasheet HTML 50Page - ATMEL Corporation AT89LP2052 Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 93 page
background image
47
3547I–MICRO–6/08
AT89LP2052/LP4052
Figure 19-4. SPI Transfer Format with CPHA = 0
Note:
*Not defined but normally MSB of character just received
Figure 19-5. SPI Transfer Format with CPHA = 1
Note:
*Not defined but normally LSB of previously transmitted character
19.4
SPI Pin Configuration
Before using the Serial Peripheral Interface the four SPI pins – SCK, MISO, MOSI and SS –
must be properly configured for the desired functionality. See Section 15.7 “Port Alternate Func-
tions” on page 22. When the SPI is in Master mode, SCK and MOSI must be configured as
bidirectional or output, with P1.7 and P1.5 set to “1”. MISO should be input-only, or bidirectional
with P1.6 set to “1”. When the SPI is in Slave mode, SCK, MOSI and SS must be configured as
input-only, or as bidirectional with P1.7, P1.6 and P1.4 set to “1”. MISO should be set as bidirec-
tional or output, with P1.6 set to “1”. If all four pins are set as bidirectional and their respectively
port bits are all “1”, it is possible to switch between Master and Slave mode without reconfiguring
the pins.
MSB
6
5
4
3
2
1
LSB
1
2
3
4
5
6
7
8
MSB
*
65
4
3
2
1
LSB
SCK CYCLE #
(FOR REFERENCE)
SCK (CPOL = 0)
SCK (CPOL = 1)
MOSI
(FROM MASTER)
MISO
(FROM SLAVE)
SS (TO SLAVE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com