Electronic Components Datasheet Search
  English  ▼

X  

AT89LP213 Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 64Page - ATMEL Corporation AT89LP213 Datasheet HTML 65Page - ATMEL Corporation AT89LP213 Datasheet HTML 66Page - ATMEL Corporation AT89LP213 Datasheet HTML 67Page - ATMEL Corporation AT89LP213 Datasheet HTML 68Page - ATMEL Corporation AT89LP213 Datasheet HTML 69Page - ATMEL Corporation AT89LP213 Datasheet HTML 70Page - ATMEL Corporation AT89LP213 Datasheet HTML 71Page - ATMEL Corporation AT89LP213 Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 96 page
background image
68
3538C–MICRO–06/08
AT89LP213/214
23.3
Command Format
Programming commands consist of an opcode byte, two address bytes, and zero or more data
bytes. In addition, all command packets must start with a two-byte preamble of AAH and 55H.
The preamble increases the noise immunity of the programming interface by making it more dif-
ficult to issue unintentional commands. Figure 23-3 on page 69 shows a simplified flow chart of
a command sequence.
A sample command packet is shown in Figure 23-4 on page 69. The SS pin defines the packet
frame. SS must be brought low before the first byte in a command is sent and brought back high
after the final byte in the command has been sent. The command is not complete until SS
returns high. Command bytes are issued serially on MOSI. Data output bytes are received seri-
ally on MISO. Packets of variable length are supported by returning SS high when the final
required byte has been transmitted. In some cases command bytes have a don’t care value.
Don’t care bytes in the middle of a packet must be transmitted. Don’t care bytes at the end of a
packet may be ignored.
Page oriented instructions always include a full 16-bit address. The higher order bits select the
page and the lower order bits select the byte within that page. The AT89LP213/214 allocates
5 bits for byte address and 6 bits for page address. The page to be accessed is always fixed by
the page address as transmitted. The byte address specifies the starting address for the first
data byte. After each data byte has been transmitted, the byte address is incremented to point to
the next data byte. This allows a page command to linearly sweep the bytes within a page. If the
byte address is incremented past the last byte in the page, the byte address will roll over to the
first byte in the same page. While loading bytes into the page buffer, overwriting previously
loaded bytes will result in data corruption.
For a summary of available commands, see Table 23-2 on page 70.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com