Electronic Components Datasheet Search
  English  ▼

X  

AT89LP213 Datasheet(PDF) 93 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button AT89LP213 Datasheet HTML 88Page - ATMEL Corporation AT89LP213 Datasheet HTML 89Page - ATMEL Corporation AT89LP213 Datasheet HTML 90Page - ATMEL Corporation AT89LP213 Datasheet HTML 91Page - ATMEL Corporation AT89LP213 Datasheet HTML 92Page - ATMEL Corporation AT89LP213 Datasheet HTML 93Page - ATMEL Corporation AT89LP213 Datasheet HTML 94Page - ATMEL Corporation AT89LP213 Datasheet HTML 95Page - ATMEL Corporation AT89LP213 Datasheet HTML 96Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 93 / 96 page
background image
i
3538C–MICRO–06/08
AT89LP213/214
Table of Contents
1
Description ............................................................................................... 1
2
Pin Configuration ..................................................................................... 2
2.1
AT89LP213: 14-lead TSSOP/PDIP ...................................................................2
2.2
AT89LP214: 14-lead TSSOP/PDIP ...................................................................2
3
Pin Description ......................................................................................... 3
4
Block Diagram .......................................................................................... 5
5
Comparison to Standard 8051 ................................................................ 6
5.1
System Clock .....................................................................................................6
5.2
Instruction Execution with Single-cycle Fetch ...................................................6
5.3
Interrupt Handling ..............................................................................................6
5.4
Timer/Counters ..................................................................................................6
5.5
Serial Port ..........................................................................................................6
5.6
Watchdog Timer ................................................................................................7
5.7
I/O Ports ............................................................................................................7
5.8
Reset .................................................................................................................7
6
Memory Organization .............................................................................. 7
6.1
Program Memory ...............................................................................................7
6.2
Data Memory .....................................................................................................8
7
Special Function Registers ..................................................................... 9
8
Enhanced CPU ....................................................................................... 10
8.1
Restrictions on Certain Instructions .................................................................11
9
System Clock ......................................................................................... 12
9.1
Crystal Oscillator .............................................................................................12
9.2
External Clock Source .....................................................................................13
9.3
Internal RC Oscillator ......................................................................................13
9.4
System Clock Out ............................................................................................13
10
Reset ....................................................................................................... 14
10.1
Power-on Reset ...............................................................................................14
10.2
Brown-out Reset ..............................................................................................16
10.3
External Reset .................................................................................................16
10.4
Watchdog Reset ..............................................................................................17
10.5
Software Reset ................................................................................................17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com