Electronic Components Datasheet Search
  English  ▼

X  

PA15FL Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA15FL
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA15FL Datasheet(HTML) 2 Page - Cirrus Logic

  PA15FL Datasheet HTML 1Page - Cirrus Logic PA15FL Datasheet HTML 2Page - Cirrus Logic PA15FL Datasheet HTML 3Page - Cirrus Logic PA15FL Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
2
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
450V
OUTPUT CURRENT, source, sink
See SOA
POWER DISSIPATION, continuous @ T
C = 25°C
30W
INPUT VOLTAGE, differential
±25V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder - 10s max
260°C
TEMPERATURE, junction2
150°C
TEMPERATURE RANGE, storage
–40 to +85°C
OPERATING TEMPERATURE RANGE, case
–25 to +85°C
PA15FL  •  PA15FLA
SPECIFICATIONS
PA15FL
PA15FLA
PARAMETER
TESTCONDITIONS 1
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
2
10
.5
3
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
15
50
5
20
µV/°C
OFFSET VOLTAGE, vs. supply
10
50
*
*
µV/V
OFFSET VOLTAGE, vs. time
75
*
µV/√kh
BIAS CURRENT, initial
200
2000
*
*
pA
BIAS CURRENT, vs. supply
4
*
pA/V
OFFSET CURRENT, initial
50
500
30
200
pA
INPUT IMPEDANCE, DC
1011
*
Ω
INPUT CAPACITANCE
4
*
pF
COMMON MODE VOLTAGE RANGE3
±V
S –15
*
V
COMMON MODE REJECTION, DC
V
CM = ±90V
80
98
*
*
dB
NOISE
10KHz BW, R
S = 1KΩ, CC = OPEN
2
*
µVrms
GAIN
OPEN LOOP, @ 15Hz
R
L = 2KΩ, CC = OPEN
94
111
*
*
dB
GAIN BANDWIDTH PRODUCT at 1MHz R
L = 2KΩ, CC = OPEN
5.8
*
MHz
POWER BANDWIDTH
R
L = 2KΩ, CC = OPEN
24
*
kHz
PHASE MARGIN
Full temperature range
60
*
°
OUTPUT
VOLTAGE SWING3
I
O = ±200mA
±V
S–15
±V
S–10
*
*
V
CURRENT, continuous
±200
*
mA
SLEW RATE, A
V = 100
C
C = OPEN
20
20
30
V/µs
CAPACITIVE LOAD, A
V = +1
Full temperature range
100
*
pf
SETTLING TIME to .1%
C
C = OPEN, 2V step
2
*
µs
RESISTANCE, no load
50
*
Ω
POWERSUPPLY
VOLTAGE5
See note 5
±50
±150
±225
*
*
*
V
CURRENT, quiescent,
2.0
3.0
*
*
mA
THERMAL
RESISTANCE, AC, junction to case 4
Full temperature range, F > 60Hz
2.5
*
°C/W
RESISTANCE, DC, junction to case
Full temperature range, F < 60Hz
4.2
*
°C/W
RESISTANCE, junction to air
Full temperature range
30
*
°C/W
TEMPERATURE RANGE , Case
Meets full range specifications
–25
+85
*
*
°C
NOTES: *
The specification of PA15FLA is identical to the specification for PA15FL in applicable column to the left.
1. Unless otherwise noted: T
C = 25°C, compensation = CC = 33pF, RC = 1KΩ, RCL = 0. DC input specifications are ± value given.
Power supply voltage is typical rating.
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
3. +V
S and –VS denote the positive and negative power supply rail respectively.
4. Rating applies if the output current alternates between both output transistors at a rate faster than 60Hz.
5. Derate max supply rating .625 V/°C below 25°C case. No derating needed above 25°C case.
CAUTION
The PA15FL is constructed from MOSFET transistors. ESD handling procedures must be observed.
The exposed substrate contains beryllia (BeO). Do not crush, machine, or subject to temperatures in excess of 850°C to
avoid generating toxic fumes.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com