Electronic Components Datasheet Search
  English  ▼

X  

PA15FL Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA15FL
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA15FL Datasheet(HTML) 1 Page - Cirrus Logic

  PA15FL Datasheet HTML 1Page - Cirrus Logic PA15FL Datasheet HTML 2Page - Cirrus Logic PA15FL Datasheet HTML 3Page - Cirrus Logic PA15FL Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• HIGH VOLTAGE — 450V (±225V)
• LOW COST
• LOW QUIESCENT CURRENT — 3.0mA MAX
• HIGH OUTPUT CURRENT — 200mA
• PROGRAMMABLE CURRENT LIMIT
APPLICATIONS
• PIEZOELECTRIC POSITIONING
• HIGH VOLTAGE INSTRUMENTATION
• ELECTROSTATIC TRANSDUCERS
• PROGRAMMABLE POWER SUPPLIES UP TO 440V
DESCRIPTION
ThePA15FLisahighvoltage,lowquiescentcurrentMOSFET
operational amplifier designed as a low cost solution for driving
continuous output currents up to 200mA and pulse currents up
to 350mA into capacitive loads. The safe operating area (SOA)
hasnosecondbreakdownlimitationsandcanbeobservedforall
type loads by choosing an appropriate current limiting resistor.
The MOSFET input stage has integrated static and differential
mode protection. The MOSFET output stage is biased AB for
linear operation. External compensation provides flexibility
in choosing bandwidth and slew rate for the application. The
10-pin power SIP package is electrically isolated.
EQUIVALENT SCHEMATIC
M I C R O T E C H N O L O G Y
PA15FL • PA15FLA
TYPICAL APPLICATION
LOW POWER, PIEZOELECTRIC POSITIONING
Piezo positioning may be applied to the focusing of segment-
ed mirror systems. The composite mirror may be composed of
hundreds of elements, each requiring focusing under computer
control. In such complex systems the PA15FL reduces the
costs of power supplies and cooling with its advantages of low
cost and low quiescent power consumption while increasing
circuit density with the SIP package.
EXTERNAL CONNECTIONS
PHASECOMPENSATION
GAIN
C
C
R
C
≥ 1
33pf
1KΩ
≥ 10
OPEN
OPEN
.6
R
CL ≅
I
CL
10-PIN SIP
PACKAGE STYLE FL
Formed leads available
See package style FU


Similar Part No. - PA15FL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL Datasheet
611Kb / 5P
High Voltage Power Operational Amplifiers
PA15FLA CIRRUS-PA15FLA Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA15FLA CIRRUS-PA15FLA Datasheet
611Kb / 5P
High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL_10 Datasheet
611Kb / 5P
High Voltage Power Operational Amplifiers
More results

Similar Description - PA15FL

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA62 APEX-PA62 Datasheet
293Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com