Electronic Components Datasheet Search
  English  ▼

X  

PA79 Datasheet(PDF) 4 Page - Cirrus Logic

Part # PA79
Description  POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA79 Datasheet(HTML) 4 Page - Cirrus Logic

  PA79 Datasheet HTML 1Page - Cirrus Logic PA79 Datasheet HTML 2Page - Cirrus Logic PA79 Datasheet HTML 3Page - Cirrus Logic PA79 Datasheet HTML 4Page - Cirrus Logic PA79 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546–2739
4
PA79
OPERATING
CONSIDERATIONS
EXTERNAL CONNECTIONS
SMALL SIGNAL GAIN AND PHASE PLOTS
The input signal amplitude to the PA79
amplifier is related to the overall phase
margin and unity gain bandwidth. For very
small signal amplitudes the amplifier phase
margin is negative and it shows instability.
If small signal stability is desired a con-
stant current source of 500 uA (or resistor
for constant supply voltage) needs to be
added externally between C
C– and +VS.
This current source has minor effects on
output offset voltage but helps immensely
with small signal stability. The following gain
and phase plots have been generated with
a 100k resistor (fixed dual supply voltage
+/– 50V) between C
C– and +VS. Please
note that the unity gain bandwidth and
phase margin improves with larger signal
amplitude because of the unique differential
amplifier stage in the PA79.
SAFE OPERATING AREA
The MOSFET output stage of the PA79
is not limited by second breakdown con-
siderations as in bipolar output stages.
Only thermal considerations and current
handling capabilities limit the SOA. The
output stage is protected against transient
flyback by the parasitic body diodes of the
output stage MOSFET structure. However,
for protection against sustained high energy
flyback external fast–recovery diodes must
be used.
NOTES:
1. The package heat slug needs to be connected to a stable refer-
ence such as gnd for high slew rates. Please refer to special
considerations section for details.
2. Supply bypassing required for –Vs and +Vs.
3. For Cc and Rc values refer to power supply biasing section.
4. Dimple and ESD triangle denotes pin 1.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com