Electronic Components Datasheet Search
  English  ▼

X  

PA79 Datasheet(PDF) 5 Page - Cirrus Logic

Part # PA79
Description  POWER OPERATIONAL AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA79 Datasheet(HTML) 5 Page - Cirrus Logic

  PA79 Datasheet HTML 1Page - Cirrus Logic PA79 Datasheet HTML 2Page - Cirrus Logic PA79 Datasheet HTML 3Page - Cirrus Logic PA79 Datasheet HTML 4Page - Cirrus Logic PA79 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690–8600 • FAX (520) 888–3329 • ORDERS (520) 690–8601 • EMAIL prodlit@apexmicrotech.com
5
HEATSINKING
The PA79DK package has a large exposed integrated copper
heatslug to which the monolithic amplifier is directly attached.
The solder connection of the heat slug to a 1 square inch foil
area on the printed circuit board will result in improved ther-
mal performance of 25C/W. In order to improve the thermal
performance, multiple metal layers in the printed circuit board
are recommended. This may be adequate heatsinking but
the large number of variables involved suggest temperature
measurements be made on the top of the package. Do not
allow the temperature to exceed 85°C.
The junction to ambient thermal resistance of the DK pack-
age can achieve a 19.1C/W rating by using the PCB conditions
outlined in JEDEC standard: (JESD51–5):
PCB Conditions:
PCB Layers = 4L, Copper, FR–4
PCB Dimensions = 101.6 x 114.3mm
PCB Thickness = 1.6mm
Conditions:
Power dissipation = 2 watt
Ambient Temperature = 55°C
STABILITY
The PA79 is externally compensated and performance can
be tailored to the application. Use the graphs of small signal
response and power response as a guide. Due to the innovative
design of the PA79, two compensation networks are required.
The values of these components should be the same to pro-
vide symmetric slew rate characteristics. The compensation
capacitor Cc must be rated at 500V working voltage. NPO
capacitors are recommended. The compensation networks
CcRc must be mounted closely to the amplifier pins 8 & 11
and 3 & 10 to avoid spurious oscillation.
The PA79 may require an external 33 pF capacitor (mini-
mum breakdown of 350V) between Cc– and –Vs to prevent
oscillations in the falling edge of the output. This capacitor
is provided with the evaluation kit. Please refer to EK60U
datasheet for details.
ELECTROSTATIC DISCHARGE
Like many high performance MOSFET amplifiers, the PA79
very sensitive to damage due to electrostatic discharge (ESD).
Failure to follow proper ESD handling procedures could have
results ranging from reduced operating performance to cata-
strophic damage. Minimum proper handling includes the use
of grounded wrist or shoe straps, grounded work surfaces.
Ionizers directed at the work in progress can neutralize the
charge build up in the work environment and are strongly
recommended.
GENERAL
Please read Application Note 1 “General Operating Consid-
erations” which covers stability, power supplies, heat sinking,
mounting, current limit, SOA interpretation, and specification
interpretation. Visit www.apexmicrotech.com for design tools
that help automate tasks such as calculations for stability,
internal power dissipation, current limit, heat sink selection,
Apex’s complete Application Notes library, Technical Seminar
Workbook and Evaluation Kits.
SPECIAL CONSIDERATIONS
It is very important to realize that in order to achieve
high frequency performance the heat sink tab has to be
tied to a stable, low impedance reference, i.e. power sup-
ply or GND. An AC connection through a 0.1µF capacitor
is also sufficient. Internal to the PA79, the heatsink tab
is electrically isolated to more than 350V . This may help
allay some electrical isolation concerns in tying the heat
sink to Vs or GND.
CURRENT LIMIT
For proper operation, the current limit resistor, R
LIM, must
be connected as shown in the external connections diagram.
For maximum reliability and protection, the resistor should be
set as high as possible. The maximum practical value using
the following formula is 12 ohms. For even lower current limit
values, please see the CURRENT LIMIT vs. RESISTOR graph
on the TYPICAL PERFORMANCE GRAPHS page.
R
LIM = 0.7 / ILIM
POWER SUPPLY BYPASSING
Bypass capacitors to power supply terminals +Vs and –Vs
must be connected physically close to the pins to prevent local
parasitic oscillation in the output stage of the PA79. Use high
quality ceramic capacitors (X7R) 0.1μF or greater.
SUPPLY CURRENT
The PA79 features a class A/B driver stage to drive the output
MOSFETs and an innovative input stage to achieve very high
slew rates. The supply current drawn by the PA79, even with
no load, varies with the slew rate of the output signal.
MOISTURE SENSITIVITY
The PA79DK has been qualified according to JEDEC 22-A-
113-D, MSL 3. The following conditions were used: IR reflow
for Pb-free assembly profile where: package thickness is
greater than 2.5mm, package volume is greater than 350mm2,
TP = 245°C.
OPERATING
CONSIDERATIONS
This data sheet has been carefully checked and is believed to be reliable, however, no responsibility is assumed for possible inaccuracies or omissions. All specifications are subject to change without notice.
PA79U REV A1 JULY 2007 © 2007 Apex Microtechnology Corp.
PA79



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com