Electronic Components Datasheet Search
  English  ▼

X  

SA56 Datasheet(PDF) 1 Page - Cirrus Logic

Part # SA56
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

SA56 Datasheet(HTML) 1 Page - Cirrus Logic

  SA56 Datasheet HTML 1Page - Cirrus Logic SA56 Datasheet HTML 2Page - Cirrus Logic SA56 Datasheet HTML 3Page - Cirrus Logic SA56 Datasheet HTML 4Page - Cirrus Logic SA56 Datasheet HTML 5Page - Cirrus Logic SA56 Datasheet HTML 6Page - Cirrus Logic SA56 Datasheet HTML 7Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• DELIVERS UP TO 5A CONTINUOUS OUTPUT
• OPERATES AT SUPPLY VOLTAGES UP TO 60V
• NO “SHOOT-THROUGH” CURRENT
• THERMAL SHUTDOWN (OUTPUTS OFF) AT 160°C
• SHORTED LOAD PROTECTION (to VS or PGND or SHORTED
LOAD)
• NO BOOTSTRAP CAPACITORS REQUIRED
• PROGRAMMABLE ONBOARD PWM
APPLICATIONS
• DC BRUSH-TYPE MOTOR DRIVES
• POSITION AND VELOCITY SERVOMECHANISMS
• FACTORY AUTOMATION ROBOTS
• NUMERICALLY CONTROLLED MACHINERY
• COMPUTER PRINTERS AND PLOTTERS
FIGURE 1. BLOCK DIAGRAM
DESCRIPTION
The SA56 is a 5-ampere PWM Amplifier designed for motion
control applications. The device is built using a multi-technology
process that combines bipolar and CMOS control circuitry with
DMOS power devices in a single monolithic structure. Ideal
for driving DC and stepper motors, the SA56 accommodates
peak output currents up to 10 amperes. An innovative circuit
that facilitates low-loss sensing of the output current has been
implemented. An on-board PWM oscillator and comparator
are used to convert an analog signal into PWM direction of
rotation and magnitude for motor control applications. TTL or
CMOS digital inputs allow direct external control in 2-quadrant
or 4-quadrant modes.
23 PIN SIP
PACkAGE STYLE EX
M I C R O T E C H N O L O G Y
SA56


Similar Part No. - SA56

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA56 APEX-SA56 Datasheet
541Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
SA56-11CGKWA KINGBRIGHT-SA56-11CGKWA Datasheet
348Kb / 6P
14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11EWA KINGBRIGHT-SA56-11EWA Datasheet
162Kb / 3P
Standard-Displays
SA56-11EWA KINGBRIGHT-SA56-11EWA Datasheet
189Kb / 4P
14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - SA56

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SA55 ETC-SA55 Datasheet
40Kb / 2P
PULSE WIDTH MODULATION AMPLIFIER
logo
Cirrus Logic
MSA240 APEX-MSA240 Datasheet
305Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA01 APEX-SA01 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56 Datasheet
541Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305 Datasheet
562Kb / 6P
PULSE WIDTH MODULATION AMPLIFIER
SA03 APEX-SA03_06 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
MSA260 CIRRUS-MSA260 Datasheet
692Kb / 8P
Pulse Width Modulation Amplifier
SA01 APEX-SA01_07 Datasheet
317Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305_07 Datasheet
428Kb / 8P
PULSE WIDTH MODULATION AMPLIFIER
SA03 CIRRUS-SA03 Datasheet
210Kb / 5P
Pulse Width Modulation Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com