Electronic Components Datasheet Search
  English  ▼

X  

AT25DF321A Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT25DF321A
Description  32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF321A Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT25DF321A Datasheet HTML 13Page - ATMEL Corporation AT25DF321A Datasheet HTML 14Page - ATMEL Corporation AT25DF321A Datasheet HTML 15Page - ATMEL Corporation AT25DF321A Datasheet HTML 16Page - ATMEL Corporation AT25DF321A Datasheet HTML 17Page - ATMEL Corporation AT25DF321A Datasheet HTML 18Page - ATMEL Corporation AT25DF321A Datasheet HTML 19Page - ATMEL Corporation AT25DF321A Datasheet HTML 20Page - ATMEL Corporation AT25DF321A Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 58 page
background image
17
3686C–DFLASH–12/08
AT25DF321A [Preliminary]
Figure 8-6.
Chip Erase
8.5
Program/Erase Suspend
In some code plus data storage applications, it is often necessary to process certain high-level
system interrupts that require relatively immediate reading of code or data from the Flash mem-
ory. In such an instance, it may not be possible for the system to wait the microseconds or
milliseconds required for the Flash memory to complete a program or erase cycle. The Pro-
gram/Erase Suspend command allows a program or erase operation in progress to a particular
64-Kbyte sector of the Flash memory array to be suspended so that other device operations can
be performed. For example, by suspending an erase operation to a particular sector, the system
can perform functions such as a program or read operation within another 64-Kbyte sector in the
device. Other device operations, such as a Read Status Register, can also be performed while a
program or erase operation is suspended. Table 8-1 outlines the operations that are allowed and
not allowed during a program or erase suspend.
Since the need to suspend a program or erase operation is immediate, the Write Enable com-
mand does not need to be issued prior to the Program/Erase Suspend command being issued.
Therefore, the Program/Erase Suspend command operates independently of the state of the
WEL bit in the Status Register.
To perform a Program/Erase Suspend, the CS pin must first be asserted and the opcode of B0h
must be clocked into the device. No address bytes need to be clocked into the device, and any
data clocked in after the opcode will be ignored. When the CS pin is deasserted, the program or
erase operation currently in progress will be suspended within a time of t
SUSP. The Program Sus-
pend (PS) bit or the Erase Suspend (ES) bit in the Status Register will then be set to the logical
“1” state to indicate that the program or erase operation has been suspended. In addition, the
RDY/BSY bit in the Status Register will indicate that the device is ready for another operation.
The complete opcode must be clocked into the device before the CS pin is deasserted, and the
CS pin must be deasserted on an even byte boundary (multiples of eight bits); otherwise, no
suspend operation will be performed.
Read operations are not allowed to a 64-Kbyte sector that has had its program or erase opera-
tion suspended. If a read is attempted to a suspended sector, then the device will output
undefined data. Therefore, when performing a Read Array operation to an unsuspended sector
and the device’s internal address counter increments and crosses the sector boundary to a sus-
pended sector, the device will then start outputting undefined data continuously until the address
counter increments and crosses a sector boundary to an unsuspended sector.
A program operation is not allowed to a sector that has been erase suspended. If a program
operation is attempted to an erase suspended sector, then the program operation will abort and
the WEL bit in the Status Register will be reset back to the logical “0” state. Likewise, an erase
SCK
CS
SI
SO
MSB
23
1
0
CCCCCCCC
67
5
4
OPCODE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com