Electronic Components Datasheet Search
  English  ▼

X  

AT25DF321A Datasheet(PDF) 50 Page - ATMEL Corporation

Part # AT25DF321A
Description  32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF321A Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button AT25DF321A Datasheet HTML 46Page - ATMEL Corporation AT25DF321A Datasheet HTML 47Page - ATMEL Corporation AT25DF321A Datasheet HTML 48Page - ATMEL Corporation AT25DF321A Datasheet HTML 49Page - ATMEL Corporation AT25DF321A Datasheet HTML 50Page - ATMEL Corporation AT25DF321A Datasheet HTML 51Page - ATMEL Corporation AT25DF321A Datasheet HTML 52Page - ATMEL Corporation AT25DF321A Datasheet HTML 53Page - ATMEL Corporation AT25DF321A Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 58 page
background image
50
3686C–DFLASH–12/08
AT25DF321A [Preliminary]
Notes:
1. Not 100% tested (value guaranteed by design and characterization).
2. 15 pF load at frequencies above 70 MHz, 30 pF otherwise.
3. Only applicable as a constraint for the Write Status Register Byte 1 command when SPRL = 1.
Note:
1. Maximum values indicate worst-case performance after 100,000 erase/program cycles.
2. Not 100% tested (value guaranteed by design and characterization).
t
EDPD
(1)
Chip Select High to Deep Power-Down
1
µs
tRDPD
(1)
Chip Select High to Standby Mode
30
µs
t
RST
Reset Time
30
µs
14.6
Program and Erase Characteristics
Symbol
Parameter
Min
Typ
Max
Units
tPP
(1)
Page Program Time (256 Bytes)
1.0
3.0
ms
tBP
Byte Program Time
7µs
tBLKE
(1)
Block Erase Time
4 Kbytes
50
200
ms
32 Kbytes
250
600
64 Kbytes
400
950
t
CHPE
(1)(2)
Chip Erase Time
32
56
sec
t
SUSP
Suspend Time
Program
10
20
µs
Erase
25
40
t
RES
Resume Time
Program
10
20
µs
Erase
12
20
t
OTPP
(1)
OTP Security Register Program Time
200
500
µs
t
WRSR
(2)
Write Status Register Time
200
ns
14.7
Power-up Conditions
Symbol
Parameter
Min
Max
Units
tVCSL
Minimum VCC to Chip Select Low Time
70
µs
t
PUW
Power-up Device Delay Before Program or Erase Allowed
10
ms
V
POR
Power-on Reset Voltage
1.5
2.5
V
14.5
AC Characteristics – All Other Parameters (Continued)
Symbol
Parameter
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com