Electronic Components Datasheet Search
  English  ▼

X  

M67204H Datasheet(PDF) 1 Page - ATMEL Corporation

Part # M67204H
Description  Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

M67204H Datasheet(HTML) 1 Page - ATMEL Corporation

  M67204H Datasheet HTML 1Page - ATMEL Corporation M67204H Datasheet HTML 2Page - ATMEL Corporation M67204H Datasheet HTML 3Page - ATMEL Corporation M67204H Datasheet HTML 4Page - ATMEL Corporation M67204H Datasheet HTML 5Page - ATMEL Corporation M67204H Datasheet HTML 6Page - ATMEL Corporation M67204H Datasheet HTML 7Page - ATMEL Corporation M67204H Datasheet HTML 8Page - ATMEL Corporation M67204H Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
4141J–AERO–04/07
Features
• First-in First-out Dual Port Memory
• 4096-bit x 9 Organization
• Fast Flag and Access Times: 15, 30 ns
• Wide Temperature Range: -55°C to +125°C
• Fully Expandable by Word Width or Depth
• Asynchronous Read/Write Operations
• Empty, Full and Half Flags in Single Device Mode
• Retransmit Capability
• Bi-directional Applications
• Battery Backup Operation: 2V Data Retention
• TTL Compatible
• Single 5V ± 10% Power Supply
• No Single Event Latch-up below a LET Threshold of 80 MeV/mg/cm2
• Tested up to a Total Dose of 30 krads (Si) according to MIL STD 883 Method 1019
• Quality grades : QML Q and V with SMD 5962-89568 and ESCCwith specification
9301/049
Description
The M67204H implements a first-in first-out algorithm, featuring asynchronous
read/write operations. The FULL and EMPTY flags prevent data overflow and under-
flow. The expansion logic allows unlimited expansion in word size and depth with no
timing penalties. Twin address pointers automatically generate internal read and write
addresses, and no external address information is required for the Atmel FIFOs.
address pointers are automatically incremented with the write pin and read pin. The 9
bits wide data are used in data communications applications where a parity bit for
error checking is necessary. The retransmit pin reset the read pointer to zero without
affecting the write pointer. This is very useful for retransmitting data when an error is
detected in the system.
Using an array of eight transistors (8T) memory cell, the M67204H combines an
extremely low standby supply current (typ = 0.1 µA) with a fast access time at 15 ns
over the full temperature range. All versions offer battery backup data retention capa-
bility with a typical power consumption at less than 2 µW.
The M67204H is processed according to the methods of the latest revision of the MIL
PRF 38535 (Q and V) or ESCC 9000.
Rad. Tolerant
High Speed
4 Kb x 9
Parallel FIFO
M67204H


Similar Part No. - M67204H

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M67204H ATMEL-M67204H_14 Datasheet
1Mb / 4P
Asynchronous Read/Write Operations
M67204H ATMEL-M67204H_14 Datasheet
69Kb / 4P
Empty Flag Parasitic Pulse
More results

Similar Description - M67204H

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Maxwell Technologies
7206F MAXWELL-7206F Datasheet
208Kb / 15P
High-Speed Epi-CMOS (16K x 9-Bit) Parallel FIFO
logo
ATMEL Corporation
M67025E ATMEL-M67025E Datasheet
531Kb / 27P
Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
4K x 9 Parallel-to Serial FIFO
logo
ATMEL Corporation
M67025E ATMEL-M67025E_07 Datasheet
693Kb / 27P
Rad. Tolerant High Speed 8 Kb x 16 Dual Port RAM
M67206H ATMEL-M67206H Datasheet
2Mb / 20P
Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO
M672061H ATMEL-M672061H Datasheet
2Mb / 20P
Rad. Tolerant High Speed 16 Kb x 9 Parallel FIFO with Programmable Flag
logo
Texas Instruments
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com