Electronic Components Datasheet Search
  English  ▼

X  

M67204H Datasheet(PDF) 4 Page - ATMEL Corporation

Part # M67204H
Description  Rad. Tolerant High Speed 4 Kb x 9 Parallel FIFO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

M67204H Datasheet(HTML) 4 Page - ATMEL Corporation

  M67204H Datasheet HTML 1Page - ATMEL Corporation M67204H Datasheet HTML 2Page - ATMEL Corporation M67204H Datasheet HTML 3Page - ATMEL Corporation M67204H Datasheet HTML 4Page - ATMEL Corporation M67204H Datasheet HTML 5Page - ATMEL Corporation M67204H Datasheet HTML 6Page - ATMEL Corporation M67204H Datasheet HTML 7Page - ATMEL Corporation M67204H Datasheet HTML 8Page - ATMEL Corporation M67204H Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
M67204H
4141J–AERO–04/07
Write Enable (W)
A write cycle is initiated on the falling edge of this input if the Full Flag (FF) is not set.
Data set-up and hold times must be maintained in the rise time of the leading edge of
the Write Enable (W). Data is stored sequentially in the Ram array, regardless of any
current read operation.
Once half the memory is filled, and during the falling edge of the next write operation,
the Half-Full Flag (HF) will be set to low and remain in this state until the difference
between the write and read pointers is less than or equal to half of the total available
memory in the device. The Half-Full Flag (HF) is then reset by the rising edge of the
read operation.
To prevent data overflow, the Full Flag (FF) will go low, inhibiting further write opera-
tions. On completion of a valid read operation, the Full Flag (FF) will go high after TRFF,
allowing a valid write to begin. When the FIFO stack is full, the internal write pointer is
blocked from W, so that external changes to W will have no effect on the full FIFO stack.
Read Enable (R)
A read cycle is initiated on the falling edge of the Read Enable (R) provided that the
Empty Flag (EF) is not set. The data is accessed on a first in/first out basis, not with
standing any current write operations. After Read Enable (R) goes high, the Data Out-
puts (Q0 - Q8) will return to a high impedance state until the next Read operation. When
all the data in the FIFO stack has been read, the Empty Flag (EF) will go low, allowing
the “final” read cycle, but inhibiting further read operations whilst the data outputs
remain in a high impedance state. Once a valid write operation has been completed, the
Empty Flag (EF) will go high after tWEF and a valid read may then be initiated. When
the FIFO stack is empty, the internal read pointer is blocked from R, so that external
changes to R will have no effect on the empty FIFO stack.
First Load/Retransmit
(FL/RT)
This is a dual-purpose input. In the Depth Expansion Mode, this pin is connected to
ground to indicate that it is the first loaded (see Operating Modes). In the Single Device
Mode, this pin acts as the retransmit input. The Single Device Mode is initiated by con-
necting the Expansion In (XI) to ground.
The M67204H can be made to retransmit data when the Retransmit Enable Control (RT)
input is pulsed low. A retransmit operation will set the internal read point to the first loca-
tion and will not affect the write pointer. Read Enable (R) and Write Enable (W) must be
in the high state during retransmit. The retransmit feature is intended for use when a
number of writes equals to or less than the depth of the FIFO has occured since the last
RS cycle. The retransmit feature is not compatible with the Depth Expansion Mode and
will affect the Half-Full Flag (HF), in accordance with the relative locations of the read
and write pointers.
Expansion In (XI)
This input is a dual-purpose pin. Expansion In (XI) is connected to GND to indicate an
operation in the single device mode. Expansion In (XI) is connected to Expansion Out
(XO) of the previous device in the Depth Expansion or Daisy Chain modes.
Full Flag (FF)
The Full Flag (FF) will go low, inhibiting further write operations when the write pointer is
one location less than the read pointer, indicating that the device is full. If the read
pointer is not moved after Reset (RS), the Full Flag (FF) will go low after 4096 writes.
Empty Flag (EF)
The Empty Flag (EF) will go low, inhibiting further read operations when the read pointer
is equal to the write pointer, indicating that the device is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com