Electronic Components Datasheet Search
  English  ▼

X  

CC2590RGVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC2590RGVR
Description  2.4-GHz RF Front End, 14-dBm output power
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2590RGVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2590RGVR Datasheet HTML 3Page - Texas Instruments CC2590RGVR Datasheet HTML 4Page - Texas Instruments CC2590RGVR Datasheet HTML 5Page - Texas Instruments CC2590RGVR Datasheet HTML 6Page - Texas Instruments CC2590RGVR Datasheet HTML 7Page - Texas Instruments CC2590RGVR Datasheet HTML 8Page - Texas Instruments CC2590RGVR Datasheet HTML 9Page - Texas Instruments CC2590RGVR Datasheet HTML 10Page - Texas Instruments CC2590RGVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TYPICAL CHARACTERISTICS
2400 2410
2420
2430 2440 2450
2460
2470
2480
f
Frequency
MHz
−
−
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
3.9
4
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5
5.1
5.2
5.3
5.4
GainHGM
NoiseFigureHGM
GainLGM
T
Temperature
−
− C
o
-40
-20
0
20
40
60
80
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
HGM
LGM
PowerSupply − V
2
2.4
2.6
2.8
3
3.2
3.4
2.2
3.6
-3
-2
-1
0
1
2
3
4
5
6
7
8
9
10
11
12
13
HGM
LGM
freq(2.400GHzto2.485GHz)
m1
m1
freq=
S(1,1)=0.129/-31.279
impedance=61.723-j8.383
2.440GHz
CC2590
www.ti.com ........................................................................................................................................................................................ SWRS080 – SEPTEMBER 2008
LNA GAIN AND NOISE FIGURE
LNA GAIN
vs
vs
FREQUENCY
TEMPERATURE
Figure 3.
Figure 4.
LNA GAIN
vs
POWER SUPPLY
Figure 5.
Figure 6. Input Impedance of LNA Measured from Antenna
Port on CC2590EM
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): CC2590



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com