Electronic Components Datasheet Search
  English  ▼

X  

CC2590RGVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2590RGVR
Description  2.4-GHz RF Front End, 14-dBm output power
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2590RGVR Datasheet(HTML) 1 Page - Texas Instruments

  CC2590RGVR Datasheet HTML 1Page - Texas Instruments CC2590RGVR Datasheet HTML 2Page - Texas Instruments CC2590RGVR Datasheet HTML 3Page - Texas Instruments CC2590RGVR Datasheet HTML 4Page - Texas Instruments CC2590RGVR Datasheet HTML 5Page - Texas Instruments CC2590RGVR Datasheet HTML 6Page - Texas Instruments CC2590RGVR Datasheet HTML 7Page - Texas Instruments CC2590RGVR Datasheet HTML 8Page - Texas Instruments CC2590RGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
CC2590 BLOCK DIAGRAM
PA
Logic
Bias
15
7
2
3
4
11
LNA
5
6
BIAS
HGM
RF_P
RXTX
RF_N
PAEN
EN
BALUN
ANT
CC2590
www.ti.com ........................................................................................................................................................................................ SWRS080 – SEPTEMBER 2008
2.4-GHz RF Front End, 14-dBm output power
• All 2.4-GHz ISM Band Systems
• Seamless Interface to 2.4-GHz Low Power RF
Devices from Texas Instruments
• Wireless Sensor Networks
• Wireless Industrial Systems
• Up to +14-dBm (25mW) Output Power
• IEEE 802.15.4 and ZigBee Systems
• 6-dB Typical Improved Sensitivity on CC24xx
• Wireless Consumer Systems
and CC2500, CC2510, and CC2511
• Wireless Audio Systems
• Few External Components
–
Integrated Switches
–
Integrated Matching Network
CC2590 is a cost-effective and high performance RF
–
Integrated Balun
Front End for low-power and low-voltage 2.4-GHz
–
Integrated Inductors
wireless applications.
–
Integrated PA
CC2590 is a range extender for all existing and future
–
Integrated LNA
2.4-GHz low-power RF transceivers, transmitters and
• Digital Control of LNA Gain by HGM Pin
System-on-Chip products from Texas Instruments.
• 100-nA in Power Down (EN = PAEN = 0)
CC2590 increases the link budget by providing a
power amplifier for increased output power, and an
• Low Transmit Current Consumption
LNA with low noise figure for improved receiver
–
22-mA at 3-V for +12-dBm, PAE = 23%
sensitivity.
• Low Receive Current Consumption
CC2590 provides a small size, high output power RF
–
3.4-mA for High Gain Mode
design with its 4x4-mm QFN-16 package.
–
1.8-mA for Low Gain Mode
CC2590 contains PA, LNA, switches, RF-matching,
• 4.6-dB LNA Noise Figure, including T/R Switch
and balun for simple design of high performance
and external antenna match
wireless applications.
• RoHS Compliant 4×4-mm QFN-16 Package
• 2.0-V to 3.6-V Operation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CC2590RGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2590RGVR TI-CC2590RGVR Datasheet
497Kb / 16P
2.4-GHz RF Front End, 14-dBm output power
CC2590RGVR TI2-CC2590RGVR Datasheet
1Mb / 22P
2.4-GHz RF Front End, 14-dBm output power
SEPTEMBER 2008
CC2590RGVR.B TI2-CC2590RGVR.B Datasheet
1Mb / 22P
2.4-GHz RF Front End, 14-dBm output power
SEPTEMBER 2008
CC2590RGVRG4.B TI2-CC2590RGVRG4.B Datasheet
1Mb / 22P
2.4-GHz RF Front End, 14-dBm output power
SEPTEMBER 2008
More results

Similar Description - CC2590RGVR

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
ISM 2.4 GHz Front End IC
logo
Texas Instruments
CC2591 TI-CC2591 Datasheet
721Kb / 18P
2.4-GHz RF Front End
CC2590 TI-CC2590 Datasheet
497Kb / 16P
2.4-GHz RF Front End, 14-dBm output power
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
2.4-GHz RF FRONT END
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
2.4-GHz RF FRONT END
logo
Skyworks Solutions Inc.
SKY85312-11 SKYWORKS-SKY85312-11 Datasheet
197Kb / 2P
2.4 GHz, 802.11ac Front-End Module
logo
Texas Instruments
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
2.4-GHz RF Front End
logo
Skyworks Solutions Inc.
SKY85320-11 SKYWORKS-SKY85320-11 Datasheet
176Kb / 2P
2.4 GHz, 802.11ac Front-End Module
logo
Silicon Storage Technol...
SST12LF01 SST-SST12LF01 Datasheet
335Kb / 21P
2.4 GHz Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com