Electronic Components Datasheet Search
  English  ▼

X  

E7725AXF Datasheet(PDF) 13 Page - Semtech Corporation

Part # E7725AXF
Description  900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E7725AXF Datasheet(HTML) 13 Page - Semtech Corporation

Back Button E7725AXF Datasheet HTML 9Page - Semtech Corporation E7725AXF Datasheet HTML 10Page - Semtech Corporation E7725AXF Datasheet HTML 11Page - Semtech Corporation E7725AXF Datasheet HTML 12Page - Semtech Corporation E7725AXF Datasheet HTML 13Page - Semtech Corporation E7725AXF Datasheet HTML 14Page - Semtech Corporation E7725AXF Datasheet HTML 15Page - Semtech Corporation E7725AXF Datasheet HTML 16Page - Semtech Corporation E7725AXF Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13
TEST AND MEASUREMENT PRODUCTS
©2006 Semtech Corp. , Rev. 9, 8/22/06
Edge7725
www.semtech.com
Circuit Description (continued)
Load Commutating Voltage Compensation
The VCM_CAP pin is an op amp compensation node that
requires a fixed 10 nanofarad chip capacitor (with good
high frequency characteristics) to ground. This capacitor
is used to compensate an internal node on the on-chip
buffer for the commutating voltage input.
The VCM_OUT is the actual commutating voltage gener-
ated by the on-chip buffer. VCM_OUT is also connected to
the diode bridge. A capacitor of 0.1 µF to ground is also
needed on the VCM_OUT pin for high speed switching of
the load currents.
Load Power Down Mode
Referring to Table 1, the load circuit can be placed in the
power down state in certain configurations which reduces
overall power consumption. In other configurations, the
load remains powered and ready for operation.
Thermal Monitor
An on-chip thermal diode string of five diodes in series ex-
ists (see figure below). This string allows accurate die tem-
perature measurements.
An external bias current of 100 µA is injected through the
string, and the measured voltage corresponds to a spe-
cific junction temperature with the following equation:
Tj[°C]={(ANODE – CATHODE) / 5 – 0.768} / (–0.00169).
Power Supply Sequencing
In order to avoid the possibility of latch-up, the following
power-up requirements must be satisfied:
1. VEE < GND < VCC at all times
2. VEE < Analog Inputs < VCC
3. VEE < Digital Iputs < input max voltage or
VCC, whichever is less
The following sequencing can be used as a guideline when
powering up the Edge7725:
1. VEE
2. VCC
3. Digital Inputs
4. Analog Inputs
The recommended power-down sequence is the reverse
order of the power-up sequence.
ANODE
CATHODE
Temperature Coefficient =
-7.9 mV / °C
Bias Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com