Electronic Components Datasheet Search
  English  ▼

X  

E7725AXF Datasheet(PDF) 21 Page - Semtech Corporation

Part # E7725AXF
Description  900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E7725AXF Datasheet(HTML) 21 Page - Semtech Corporation

Back Button E7725AXF Datasheet HTML 17Page - Semtech Corporation E7725AXF Datasheet HTML 18Page - Semtech Corporation E7725AXF Datasheet HTML 19Page - Semtech Corporation E7725AXF Datasheet HTML 20Page - Semtech Corporation E7725AXF Datasheet HTML 21Page - Semtech Corporation E7725AXF Datasheet HTML 22Page - Semtech Corporation E7725AXF Datasheet HTML 23Page - Semtech Corporation E7725AXF Datasheet HTML 24Page - Semtech Corporation E7725AXF Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21
TEST AND MEASUREMENT PRODUCTS
©2006 Semtech Corp. , Rev. 9, 8/22/06
Edge7725
www.semtech.com
Absolute Maximum Ratings
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a
stress rating only, and functional operation of the device at these, or any other conditions beyond those “recommended”,
is not implied. Exposure to conditions above those “recommended” for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Units
VCC (relative to GND)
VCC
0
+11.75
V
VEE (relative to GND)
VEE
-6.5
0
V
Total Power Supply
VCC – VEE
+18.25
V
Comparator Supply
PECL
-1.0
+5.5
V
Digital Input Voltages
DHI(*), DEN(*), LEN(*)
VEE
VCC
V
Digital Differential Input Voltages
DHI(*), DEN(*), LEN(*)
-2.5
+2.5
V
Digital TTL Inputs
CONFA, CONFB
-2.5
VCC
V
Input Voltages
Voltage Inputs
VINP, CVA, CVB, CVC, DVH
VEE
VCC
V
DVL, DVT, VCM_IN, VCH, VCL
Load Voltages
(VCC–VCM_IN), (VCM_IN–VEE),
0
14.5
V
(VCC–LOUT), (LOUT–VEE)
Current Inputs
ISC_IN, ISK_IN, RADJ, FADJ,
-0.5
2.5
V
CBIAS, DBIAS
Analog Input Currents
ISC_IN, ISK_IN
0
2
mA
RADJ, FADJ
0
2
mA
DBIAS, CBIAS
0
2
mA
Digital Output Currents Per Pin
QA/QA*; QB/QB*
0
50
mA
Driver Output Current
Iout
-40
+40
mA
Driver Swing
DVH – DVL
0
11.5
V
Load Input Voltage
LOAD – VCM_IN
-11
+11
V
Storage Temperature
TS
–65
+150
°C
Junction Temperature
TJ
+125
°C
Soldering Temperature
TSOL
+260
°C
(5 seconds, 0.25" from the pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com