Electronic Components Datasheet Search
  English  ▼

X  

ACS8530T Datasheet(PDF) 21 Page - Semtech Corporation

Part # ACS8530T
Description  Synchronous Equipment Timing Source for Stratum 2/3E Systems
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8530T Datasheet(HTML) 21 Page - Semtech Corporation

Back Button ACS8530T Datasheet HTML 17Page - Semtech Corporation ACS8530T Datasheet HTML 18Page - Semtech Corporation ACS8530T Datasheet HTML 19Page - Semtech Corporation ACS8530T Datasheet HTML 20Page - Semtech Corporation ACS8530T Datasheet HTML 21Page - Semtech Corporation ACS8530T Datasheet HTML 22Page - Semtech Corporation ACS8530T Datasheet HTML 23Page - Semtech Corporation ACS8530T Datasheet HTML 24Page - Semtech Corporation ACS8530T Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 152 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.02/November 2005 © Semtech Corp.
Page 21
www.semtech.com
ACS8530 SETS
The structure of the T0 and T4 PLLs are shown later in
Figure 11 in the section on output clock ports. That
section also details how the DPLLs and particular output
frequencies are configured. The following sections detail
some component parts of the DPLL.
TO DPLL Automatic Bandwidth Controls
In Automatic Bandwidth Selection mode (Reg. 3B Bit 7),
the T0 DPLL bandwidth setting is selected automatically
from the Acquisition Bandwidth or Locked Bandwidth
configurations programmed in cnfg_T0_DPLL_acq_bw
Reg. 69 and cnfg_T0_DPLL_locked_bw Reg. 67
respectively. If this mode is not selected, the DPLL
acquires and locks using only the bandwidth set by
Reg. 67.
Phase Detectors
A Phase and Frequency detector is used to compare input
and feedback clocks. This operates at input frequencies
up to 77.76 MHz. The whole DPLL can operate at spot
frequencies from 2 kHz up to 77.76 MHz (155.52 MHz is
internally divided down to 77.76 MHz). A common
arrangement however is to use Lock8k mode (See
Reg. 22 to 2D, Bit 6) where all input frequencies are
divided down to 8 kHz internally. Marginally better MTIE
figures may be possible in direct lock mode due to more
regular phase updates. This direct locking capability is
one of the unique features of the ACS8530.
A patented multi-phase detector is used in order to give
an infinitesimally small input phase resolution combined
with large jitter tolerance. The following phase detectors
are used:
Phase and frequency detector (±360 deg or
±180deg range)
An Early/ Late Phase detector for fine resolution
A multi-cycle phase detector for large input jitter
tolerance (up to 8191 UI), which captures and
remembers phase differences of many cycles
between input and feedback clocks.
The phase detectors can be configured to be immune to
occasional missing input clock pulses by using nearest
edge detection (±180 deg capture) or the normal
± 360 deg phase capture range which gives frequency
locking. The device will automatically switch to nearest
edge locking when the multi-UI phase detector is not
enabled, and the other phase detectors have detected
that phase lock has been achieved. It is possible to
disable the selection of nearest edge locking via Reg. 03
Bit 6 set to 1. In this setting, frequency locking will always
be enabled.
The balance between the first two types of phase detector
employed can be adjusted via registers 6A to 6D. The
default settings should be sufficient for all modes.
Adjustment of these settings affects only small signal
overshoot and bandwidth.
The multi-cycle phase detector is enabled via Reg. 74, Bit
6 set to 1 and the range is set in exponentially increasing
steps from ±1 UI, 3 UI, 7 UI, 15 UI … up to 8191 UI via
Reg. 74, Bits [3:0]. When this detector is enabled it keeps
a track of the correct phase position over many cycles of
phase difference to give excellent jitter tolerance. This
provides an alternative to switching to Lock8k mode as a
method of achieving high jitter tolerance.
An additional control (Reg. 74 Bit 5) enables the multi-
phase detector value to be used in the final phase value
as part of the DPLL loop. When enabled by setting High,
the multi cycle phase value will be used in the loop and
gives faster pull in (but more overshoot). The
characteristics of the loop will be similar to Lock8k mode
where again large input phase differences contribute to
the loop dynamics. Setting the bit Low only uses a max
figure of 360 degrees in the loop and will give slower pull-
in but gives less overshoot. The final phase position that
the loop has to pull in to is still tracked and remembered
by the multi-cycle phase detector in either case.
Phase Lock/Loss Detection
Phase lock/loss detection is handled in several ways.
Phase loss can be triggered from:
The fine phase lock detector, which measures the
phase between input and feedback clock
The coarse phase lock detector, which monitors whole
cycle slips
Detection that the DPLL is at min or max frequency
Detection of no activity on the input.
Each of these sources of phase loss indication is
individually enabled via register bits (see Reg. 73, 74 and
4D). Phase lock or lost is used to determine whether to
switch to nearest edge locking and whether to use
Acquisition or Locked bandwidth settings for the DPLL.
Acquisition bandwidth is used for faster pull in from an
unlocked state.
The coarse phase lock detector detects phase differences
of n cycles between input and feedback clocks, where n is
set by Reg. 74, Bits 3:0; the same register that is used for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com