Electronic Components Datasheet Search
  English  ▼

X  

E629AXF Datasheet(PDF) 1 Page - Semtech Corporation

Part # E629AXF
Description  1 GHz Timing Deskew and Quad Fanout Element
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E629AXF Datasheet(HTML) 1 Page - Semtech Corporation

  E629AXF Datasheet HTML 1Page - Semtech Corporation E629AXF Datasheet HTML 2Page - Semtech Corporation E629AXF Datasheet HTML 3Page - Semtech Corporation E629AXF Datasheet HTML 4Page - Semtech Corporation E629AXF Datasheet HTML 5Page - Semtech Corporation E629AXF Datasheet HTML 6Page - Semtech Corporation E629AXF Datasheet HTML 7Page - Semtech Corporation E629AXF Datasheet HTML 8Page - Semtech Corporation E629AXF Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TEST AND MEASUREMENT PRODUCTS
1
www .semtech.com
Edge629
1 GHz Timing Deskew and Quad
Fanout Element
Description
Featur es
Functional Block Diagram
Applications
Revision 3 / August 1, 2005
•
Fmax
≥ 1 GHz
•
Independent Falling Edge Adjust
•
Small Footprint (10 mm x 10 mm)
•
Excellent Timing Accuracy
•
Very Stable Timing Delays
•
5 ps Resolution
•
ECL, CMOS Compatible Inputs
•
Memory Test Equipment
– Data Fanout
– Channel Deskew
•
Logic Testers
– Per Pin Deskew
•
Clock / Signal Fanout
∆T
∆T–
∆T
Coarse
Fine
OUT0 / OUT0*
IN0 / IN0*
IN / IN*
Coarse
Fine
OUT1 / OUT1*
IN1/ IN1*
Coarse
Fine
OUT2 / OUT2*
IN2 / IN2*
Coarse
Fine
OUT3 / OUT3*
IN3 / IN3*
SEL / SEL*
∆T
∆T
∆T
∆T
∆T
∆T
∆T–
∆T–
∆T–
The Edge629 is a monolithic timing delay and signal fanout
solution manufactured in a high-performance bipolar pro-
cess. In Automatic Test Equipment (ATE) applications, the
Edge629 buffers, distributes, and aligns timing signals
across multiple channels (typically found inside Memory
Test Systems). It is also suitable for per pin deskew in
Logic Testers.
The Edge629 supports:
•
Minimum pulse width = 330 ps with Falling
Edge Adjust disabled, 500 ps with Falling
Edge Adjust enabled
•
Net usable delay span
≥ 4.0 ns
•
Falling Edge Adjust
± 250 ps
•
On Board DACs to generate 5 ps resolution
With a maximum operating frequency of 1 GHz, the
Edge629 is optimized for extremely high speed, high ac-
curacy testers, particularly those aimed to test memory
devices.
The Edge629 solves several difficult problems associated
with aligning multiple timing signals because it can:
•
delay very narrow pulses over a long
timing span
•
adjust the falling edge independently from the overall
propagation delay
•
maintain extreme timing accuracy for very narrow
(sub-ns) pulses
•
maintain tight timing accuracy over changes in
frequency, duty cycle, and pattern.


Similar Part No. - E629AXF

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
E62 ZFSWITCHES-E62 Datasheet
771Kb / 3P
Long life coil spring mechanism
logo
Cherry Semiconductor Co...
E62-00H CHERRY-E62-00H Datasheet
771Kb / 3P
3 Contact Ratings
logo
fujitsu semiconductor
E620 FUJITSU-E620 Datasheet
97Kb / 4P
SCENIC E620 Green PC Small desktop
logo
EnOcean GmbH.
E6201-K515 ENOCEAN-E6201-K515 Datasheet
132Kb / 1P
Self-powered Motion and Illumination Sensor
February 2020
E6201-K516 ENOCEAN-E6201-K516 Datasheet
119Kb / 1P
Easyfit Multisensor
September 2020
More results

Similar Description - E629AXF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
E142AHF SEMTECH-E142AHF Datasheet
179Kb / 19P
Per Pin timing Deskew w 4x2 Cross Point Switch
logo
Dallas Semiconductor
DS1023 DALLAS-DS1023 Datasheet
261Kb / 16P
8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1124 MAXIM-DS1124 Datasheet
142Kb / 9P
5.0V 8-Bit Programmable Timing Element
Rev 0; 7/07
logo
Dallas Semiconductor
DS1123L DALLAS-DS1123L Datasheet
172Kb / 14P
3.3V, 8-Bit, Programmable Timing Element
logo
Maxim Integrated Produc...
DS1124 MAXIM-DS1124_09 Datasheet
148Kb / 10P
5.0V 8-Bit Programmable Timing Element
Rev 1; 4/09
DS1100 MAXIM-DS1100_11 Datasheet
136Kb / 6P
5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
logo
Dallas Semiconductor
DS1023S-25 DALLAS-DS1023S-25 Datasheet
257Kb / 16P
8-Bit Programmable Timing Element
logo
Maxim Integrated Produc...
DS1023 MAXIM-DS1023 Datasheet
257Kb / 16P
8-Bit Programmable Timing Element
070505
DS1123L MAXIM-DS1123L Datasheet
178Kb / 14P
3.3V, 8-Bit, Programmable Timing Element
Rev 2; 8/07
logo
Diodes Incorporated
PI6C5913004-01 DIODES-PI6C5913004-01 Datasheet
1Mb / 12P
3 GHz 1:4 LVPECL Fanout Buffer
Rev A October 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com