Electronic Components Datasheet Search
  English  ▼

X  

E629AXF Datasheet(PDF) 13 Page - Semtech Corporation

Part # E629AXF
Description  1 GHz Timing Deskew and Quad Fanout Element
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

E629AXF Datasheet(HTML) 13 Page - Semtech Corporation

Back Button E629AXF Datasheet HTML 8Page - Semtech Corporation E629AXF Datasheet HTML 9Page - Semtech Corporation E629AXF Datasheet HTML 10Page - Semtech Corporation E629AXF Datasheet HTML 11Page - Semtech Corporation E629AXF Datasheet HTML 12Page - Semtech Corporation E629AXF Datasheet HTML 13Page - Semtech Corporation E629AXF Datasheet HTML 14Page - Semtech Corporation E629AXF Datasheet HTML 15Page - Semtech Corporation E629AXF Datasheet HTML 16Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
 2005 Semtech Corp. Rev. 3, 8/1/05
www.semtech.com
TEST AND MEASUREMENT PRODUCTS
Edge629
DC Characteristics
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
i
Mp
y
Tx
a
Ms
t
i
n
U
s
t
u
p
n
I
g
n
i
m
i
T
)
*
3
N
I
/
3
N
I
–
*
0
N
I
/
0
N
I
,
*
N
I
/
N
I
(
e
g
a
t
l
o
V
t
u
p
n
I
l
a
i
t
n
e
r
e
f
f
i
D|
*
N
I
–
N
I
|3
.E
E
V
–
C
C
VV
e
g
n
a
R
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IH
I
V0
.
2
+
E
E
VC
C
VV
e
g
n
a
R
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IL
I
V0
.
2
+
E
E
V3
.
–
H
I
VV
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IH
I
I0
0
1
–
0
0
1
+A
µ
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IL
I
I0
0
1
–
0
0
1
+A
µ
)
*
L
E
S
/
L
E
S
(
t
u
p
n
I
t
c
e
l
e
S
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I*
L
E
S
–
L
E
S3
.E
E
V
–
C
C
VV
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IL
E
S
–
*
L
E
S3
.E
E
V
–
C
C
VV
e
g
n
a
R
e
d
o
M
n
o
m
m
o
C
h
g
i
H
t
u
p
n
IH
I
V0
.
2
+
E
E
VC
C
VV
e
g
n
a
R
e
d
o
M
n
o
m
m
o
C
w
o
L
t
u
p
n
IL
I
V0
.
2
+
E
E
V3
.
–
H
I
VV
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IH
I
I0
5
2A
µ
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IL
I
I0
5
2A
µ
)
I
D
S
,
S
C
,
E
T
A
D
P
U
,
K
C
(
s
t
u
p
n
I
g
n
i
m
m
a
r
g
o
r
P
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IH
I
V1
.
1
–
C
C
VC
C
VV
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IL
I
V0
.
2
+
E
E
V5
.
1
–
C
C
VV
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IH
I
I0
5
2A
µ
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IL
I
I0
5
2A
µ
s
t
u
p
t
u
O
l
a
t
i
g
i
D
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
l
a
t
i
g
i
D*
T
U
O
–
T
U
O0
0
60
9
6V
m
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
l
a
t
i
g
i
DT
U
O
–
*
T
U
O0
0
60
9
6V
m
e
g
n
a
R
e
d
o
M
n
o
m
m
o
C
t
u
p
t
u
O*
T
U
O
+
T
U
O
2
5
.
1
–
C
C
V3
.
1
–
C
C
V1
.
1
–
C
C
VV
t
n
e
r
r
u
C
t
u
p
t
u
Ot
u
o
I0
3A
m
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
V
2
.
4
=
E
E
V
–
C
C
VE
E
I1
6
50
0
9A
m
V
2
.
5
=
E
E
V
–
C
C
VE
E
I4
0
60
0
9A
m
V
5
.
5
=
E
E
V
–
C
C
VE
E
I3
1
60
0
9A
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com