Electronic Components Datasheet Search
  English  ▼

X  

ATC18RHA Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATC18RHA
Description  Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC18RHA Datasheet(HTML) 2 Page - ATMEL Corporation

  ATC18RHA Datasheet HTML 1Page - ATMEL Corporation ATC18RHA Datasheet HTML 2Page - ATMEL Corporation ATC18RHA Datasheet HTML 3Page - ATMEL Corporation ATC18RHA Datasheet HTML 4Page - ATMEL Corporation ATC18RHA Datasheet HTML 5Page - ATMEL Corporation ATC18RHA Datasheet HTML 6Page - ATMEL Corporation ATC18RHA Datasheet HTML 7Page - ATMEL Corporation ATC18RHA Datasheet HTML 8Page - ATMEL Corporation ATC18RHA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2
4261F–AERO–08/08
ATC18RHA
Overview
Introduction
The ASIC ATC18RHA Design Manual presents all the required information and flows for 0.18µm
designs for aerospace applications, allowing users to view Atmel specific or standard commer-
cial tool kits and methodological details for actual implementations.
This offering is a 0.18µm CMOS technology based, using 5 Metal layers, and specified with the
3.3V or 2.5V range for the periphery, and with the 1.8V range for the core. The technology
parameters and some extra features are described here after.
Periphery
Buffers Description
The peripheral buffer (also called pad) is the electrical interface between the external signals
(voltage range from 0 to 3.3V) and the internal core signals (from 0 to 1.8V).
Several Power Supply rails are used inside the chip.
The ATC18RHA buffer family is called I033 family:
• VCCB = 3.3V (3V to 3.6V) and 2.5V (2.25V to 2.75V)
IO33 family contains:
• Bidirectional pads
• Tristate Output pads
• Output Only pads
• Input Only pads (Inverting,Non-Inverting,Schmitt Trigger)
Furthermore the Bidirectional, Tristate Ouputs and Input Only pads are available with or without
Pull-Up or Pull-Down structures.
Specific pads have been developed in 3.3V and 2.5V:
• LVDS transmitter and Receiver differential pads
• LVPECL Receiver differential pads
And, in 3.3V only:
• PCI Bidirectional, Tristate Output and Output Only pads
Standard pads Input level compatibility
• IO33: CMOS,LVTTL compatible
Tolerance and Cold
Sparing Features
All IO33 pads are Cold Sparing. This means that when VCCB is “off” these pads have a negligi-
ble leakage current.
Furthermore standard IO33 pads (PCI,LVDS,LVPECL excepted) are tolerant. This means that
when
•
the pad is configured as an input
•
VCCB is < 3.3V (ex 2.5V)
•
The external signal can go up to 3.3V (max 3.6V) with negligible leakage current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com