Electronic Components Datasheet Search
  English  ▼

X  

ATC18RHA Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATC18RHA
Description  Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC18RHA Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATC18RHA Datasheet HTML 14Page - ATMEL Corporation ATC18RHA Datasheet HTML 15Page - ATMEL Corporation ATC18RHA Datasheet HTML 16Page - ATMEL Corporation ATC18RHA Datasheet HTML 17Page - ATMEL Corporation ATC18RHA Datasheet HTML 18Page - ATMEL Corporation ATC18RHA Datasheet HTML 19Page - ATMEL Corporation ATC18RHA Datasheet HTML 20Page - ATMEL Corporation ATC18RHA Datasheet HTML 21Page - ATMEL Corporation ATC18RHA Datasheet HTML 22Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21
4261F–AERO–08/08
ATC18RHA
Note:
1. Under qualification.
Document Revision History
Changes from Rev.
4261B - 06/05 to
4261C - 04/06
1.
Added double pad ring configuration.
2.
Clarification of paragraphs concerning, ESD and Array Organization.
3.
Tools update, (moved from HyperExtract to Star-RCXT).
Changes from Rev.
4261C - 04/06 to
4261D - 07/07
1.
Removed 1.8V I/O offering.
Changes from Rev.
4261D - 07/07 to
4261E - 10/07
1.
Added I/O33 supplied at 2.5V offering and LVDS/LVPECL 2.5V.
Changes from Rev.
4261E - 10/07 to
4261F - 05/08
1.
Added note to MCGA625 product offering.
MCGA625(1)
X
MCGA472
XX
MCGA349
XXX
ATC18RHA95
_216
ATC18RHA95
_324
ATC18RHA95
_404
ATC18RHA95
_504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com