Electronic Components Datasheet Search
  English  ▼

X  

SC417 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC417
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC417 Datasheet HTML 13Page - Semtech Corporation SC417 Datasheet HTML 14Page - Semtech Corporation SC417 Datasheet HTML 15Page - Semtech Corporation SC417 Datasheet HTML 16Page - Semtech Corporation SC417 Datasheet HTML 17Page - Semtech Corporation SC417 Datasheet HTML 18Page - Semtech Corporation SC417 Datasheet HTML 19Page - Semtech Corporation SC417 Datasheet HTML 20Page - Semtech Corporation SC417 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
SC417/SC427
17
Time
IPEAK
ILOAD
ILIM
Figure 8 — Valley Current Limit
Setting the valley current limit to 10A results in a peak
inductor current of 10A plus peak ripple current. In this
situation, the average (load) current through the inductor
is 10A plus one-half the peak-to-peak ripple current.
The internal 10μA current source is temperature compen-
sated at 4100ppm in order to provide tracking with the
RDS
(ON)
.
The
R
ILIM value is calculated by the following equation.
R
ILIM = 735 x ILIM
Note that because the low-side MOSFET with low RDS
(ON)
is used for current sensing, the PCB layout, solder connec-
tions, and PCB connection to the LX node must be done
carefully to obtain good results. Refer to the layout guide-
lines for information.
Soft-Start of PWM Regulator
Soft-start is achieved in the PWM regulator by using an
internal voltage ramp as the reference for the FB
Comparator. The voltage ramp is generated using an
internal charge pump which drives the reference from
zero to 500mV in ~1.2mV increments, using an internal
~500kHz oscillator. When the ramp voltage reaches
500mV, the ramp is ignored and the FB comparator
switches over to a fixed 500mV threshold. During soft-start
the output voltage tracks the internal ramp, which limits
the start-up inrush current and provides a controlled soft-
start profile for a wide range of applications. Typical soft-
start ramp time is 850μs.
During soft-start the regulator turns off the low-side
MOSFET on any cycle if the inductor current falls to zero.
This prevents negative inductor current, allowing the
device to start into a pre-biased output.
Power Good Output
The power good (PGOOD) output is an open-drain output
which requires a pull-up resistor. When the output voltage
is 10% below the nominal voltage, PGOOD is pulled low. It
is held low until the output voltage returns above -8% of
nominal. PGOOD is held low during start-up and will not
be allowed to transition high until soft-start is completed
(when V
FB
reaches 500mV) and typically 2ms has passed.
PGOOD will transition low if the V
FB
pin exceeds +20% of
nominal, which is also the over-voltage shutdown thresh-
old (600mV). PGOOD also pulls low if the EN/PSV pin is
low when V5V is present.
Output Over-Voltage Protection
Over-voltage protection becomes active as soon as the
device is enabled. The threshold is set at 500mV + 20%
(600mV). When V
FB
exceeds the OVP threshold, DL latches
high and the low-side MOSFET is turned on. DL remains
high and the controller remains off, until the EN/PSV input
is toggled or V5V is cycled. There is a 5μs delay built into
the OVP detector to prevent false transitions. PGOOD is
also low after an OVP event.
Output Under-Voltage Protection
When V
FB
falls 25% below its nominal voltage (falls to
375mV) for eight consecutive clock cycles, the switcher is
shut off and the DH and DL drives are pulled low to tri-
state the MOSFETs. The controller stays off until EN/PSV is
toggled or V5V is cycled.
V5V UVLO, and POR
Under-Voltage Lock-Out (UVLO) circuitry inhibits switch-
ing and tri-states the DH/DL drivers until V5V rises above
3.9V. An internal Power-On Reset (POR) occurs when V5V
exceeds 3.9V, which resets the fault latch and soft-start
counter to prepare for soft-start. The SC417/SC427 then
begins a soft-start cycle. The PWM will shut off if V5V falls
below 3.6V.
LDO Regulator
The device features an integrated LDO regulator with a
programmable output voltage from 0.75V to 5.25V using
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com