Electronic Components Datasheet Search
  English  ▼

X  

SC417 Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC417
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417 Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC417 Datasheet HTML 16Page - Semtech Corporation SC417 Datasheet HTML 17Page - Semtech Corporation SC417 Datasheet HTML 18Page - Semtech Corporation SC417 Datasheet HTML 19Page - Semtech Corporation SC417 Datasheet HTML 20Page - Semtech Corporation SC417 Datasheet HTML 21Page - Semtech Corporation SC417 Datasheet HTML 22Page - Semtech Corporation SC417 Datasheet HTML 23Page - Semtech Corporation SC417 Datasheet HTML 24Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
SC417/SC427
20
Applications Information (continued)
Using the On-chip LDO to Bias the SC417/SC427
The following steps must be followed when using the on-
chip LDO to bias the device.
Connect V5V to VLDO before enabling the LDO.
The LDO has an initial current limit of 40mA at
start-up, therefore, do not connect any external
load to VLDO during start-up.
When VLDO reaches 90% of its final value, the
LDO current limit increases to 200mA. At this
time the LDO may be used to supply the required
bias current to the device.
Attempting to operate in self-powered mode in any other
configuration can cause unpredictable results and may
damage the device.
Design Procedure
When designing a switch mode supply the input voltage
range, load current, switching frequency, and inductor
ripple current must be specified.
The maximum input voltage (V
INMAX
) is the highest speci-
fied input voltage. The minimum input voltage ( V
INMIN
) is
determined by the lowest input voltage after evaluating
the voltage drops due to connectors, fuses, switches, and
PCB traces.
The following parameters define the design.
Nominal output voltage (V
OUT
)
Static or DC output tolerance
Transient response
Maximum load current (I
OUT
)
There are two values of load current to evaluate — con-
tinuous load current and peak load current. Continuous
load current relates to thermal stresses which drive the
selection of the inductor and input capacitors. Peak load
current determines instantaneous component stresses and
filtering requirements such as inductor saturation, output
capacitors, and design of the current limit circuit.
The following values are used in this design.
V
IN
= 12V + 10%
V
OUT
= 1.05V + 4%
•
•
•
•
•
•
•
•
•
f
SW
= 250kHz
Load = 10A maximum
Frequency Selection
Selection of the switching frequency requires making a
trade-off between the size and cost of the external filter
components (inductor and output capacitor) and the
power conversion efficiency.
The desired switching frequency is 250kHz which results
from using component selected for optimum size and
cost .
A resistor (R
TON
) is used to program the on-time (indirectly
setting the frequency) using the following equation.
OUT
IN
ON
TON
V
pF
25
V
)
ns
10
T
(
R
To select R
TON
, use the maximum value for V
IN
, and for T
ON
use the value associated with maximum V
IN
.
SW
INMAX
OUT
ON
f
V
V
T
T
ON = 318 ns at 13.2VIN, 1.05VOUT, 250kHz
Substituting for R
TON
results in the following solution.
R
TON = 154.9kΩ, use RTON = 154kΩ
Inductor Selection
In order to determine the inductance, the ripple current
must first be defined. Low inductor values result in smaller
size but create higher ripple current which can reduce
efficiency. Higher inductor values will reduce the ripple
current/voltage and for a given DC resistance are more
efficient. However, larger inductance translates directly
into larger packages and higher cost. Cost, size, output
ripple, and efficiency are all used in the selection process.
The ripple current will also set the boundary for power-
save operation. The switching will typically enter power-
save mode when the load current decreases to 1/2 of the
ripple current. For example, if ripple current is 4A then
Power-save operation will typically start for loads less than
2A. If ripple current is set at 40% of maximum load current,
then power-save will start for loads less than 20% of
maximum current.
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com