Electronic Components Datasheet Search
  English  ▼

X  

ME280 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # ME280
Description  Preset counters mechanic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

ME280 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  ME280 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG ME280 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Preset counters mechanic
www.baumerivo.com
2
ME280, UE280
Meter and revolution counters, adding
Display 5 digits, manual reset by lever
Part number
ME280.0
0A
Measuring range
A 99 999 m
B 9999.9 m
Count mode /Direction of rotation
07 2 revs. = 10 digits / I
08 2 revs. = 10 digits / II
13 2 revs. = 1 digit / I
14 2 revs. = 1 digit / II
Preset / reset
1 1 preset / reset lever, permanent contact
3 2 presets / reset lever, permanent contact
UE280.0
0A
A
Measuring range
A 99 999
Count mode /Direction of rotation
11 1 rev. = 1 digit / I
12 1 rev. = 1 digit / II
Preset / reset
1 1 preset / reset lever, permanent contact
3 2 presets / reset lever, permanent contact
Dimensions
18
52
105
68
43
20
210
120
137
158
ø6.4
Away from user
Towards user
Sense of rotation I
Sense of rotation II
Direction of strokes and rotation
Accessories
Measuring wheels for ME280
MR512.07A Circumf. 50 cm, knurled aluminium
MR542.07D Circumf. 50 cm, smooth Hytrel TPE-E
MR552.07A Circumf. 50 cm, smooth Vulkollan PUR
MR562.07A Circumf. 50 cm, knopped rubber NBR Nitril
MR592.07D Circumf. 50 cm, grooved Hytrel TPE-E
Meter counter
Revolution counter



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com