Electronic Components Datasheet Search
  English  ▼

X  

ME280 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # ME280
Description  Preset counters mechanic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

ME280 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  ME280 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG ME280 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.baumerivo.com
Preset counters mechanic
1
www.baumerivo.com
www.baumerivo.com
ME280 - Meter counter
Features
Preset counter with one or two presets
–
Meter or revolution counter
–
Adding
–
Display 5-digits
–
Reset by lever
–
Technical data - electrical ratings
Preset
2 presets
Preset setting
Press reset button and hold.
Enter desired value in any
order. Release reset button.
Limit switch
Trigger at preset 1 (adding)
Precontact
Trigger at preset 2
Output contact
Change-over contact
Switching voltage
230 VAC / VDC
Switching current
2 A
Switching capacity
100 VA / 30 W
Spark extinguisher
Recommended for inductive
load
ME280, UE280
Technical data - mechanical design
Number of digits
5-digits
Digit height
7 mm
Count mode
Adding in a rotational direction
to be indicated, subtracing in
reverse direction.
See part number key
Drive shaft
Both sides, ø7 mm
Reset
By reset lever to preset value.
Do not let snap lever or make
jerky movements.
Operating temperature
0...+60 °C
Housing type
Surface mount housing
Housing colour
Grey
Dimensions W x H x L
120 x 105 x 95 mm
Dimensions mounting plate 158 x 105 mm
Mounting
Base plate, 4 mounting holes
Weight approx.
1400 g
Material
Aluminium die cast alloy
E-connection
Terminal block connector
ME280
Function
Meter counter with preset
Display
White numbers on black
Decimal digits in red
Measuring speed
2 revs. = 1 digit = <3000 m/min
2 revs. = 10 di. = <300.0 m/min
Measuring precision
1 m, 1 dm
Measuring range
9 999.9 m and 99 999 m
UE280
Function
Revolution counter with preset
Display
White numbers on black
Operating speed
≤6000 rpm
Measuring range
99 999
Meter and revolution counters, adding
Display 5 digits, manual reset by lever
UE280 - Revolution counter


Similar Part No. - ME280

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
ME280.060G01C IVO-ME280.060G01C Datasheet
313Kb / 2P
Preset counters mechanic
ME280.060G02C IVO-ME280.060G02C Datasheet
313Kb / 2P
Preset counters mechanic
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
Preset counters mechanic
More results

Similar Description - ME280

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
FS218 IVO-FS218 Datasheet
471Kb / 4P
Preset counters electromechanic
FS304 IVO-FS304 Datasheet
507Kb / 4P
Preset counters electromechanic
FS309 IVO-FS309 Datasheet
515Kb / 4P
Preset counters electromechanic
ME102 IVO-ME102 Datasheet
441Kb / 4P
Preset counters mechanic
ME230 IVO-ME230 Datasheet
330Kb / 2P
Preset counters mechanic
ME280PTB IVO-ME280PTB Datasheet
313Kb / 2P
Preset counters mechanic
ME282PTB IVO-ME282PTB Datasheet
312Kb / 2P
Preset counters mechanic
NE134 IVO-NE134 Datasheet
428Kb / 2P
Preset counters electronic
NE210 IVO-NE210 Datasheet
409Kb / 2P
Preset counters electronic
NE212 IVO-NE212 Datasheet
565Kb / 4P
Preset counters electronic
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com