Electronic Components Datasheet Search
  English  ▼

X  

DP83848M Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848M
Description  PHYTER짰 Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848M Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button DP83848M Datasheet HTML 29Page - National Semiconductor (TI) DP83848M Datasheet HTML 30Page - National Semiconductor (TI) DP83848M Datasheet HTML 31Page - National Semiconductor (TI) DP83848M Datasheet HTML 32Page - National Semiconductor (TI) DP83848M Datasheet HTML 33Page - National Semiconductor (TI) DP83848M Datasheet HTML 34Page - National Semiconductor (TI) DP83848M Datasheet HTML 35Page - National Semiconductor (TI) DP83848M Datasheet HTML 36Page - National Semiconductor (TI) DP83848M Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
33
www.national.com
5.2 ESD Protection
Typically, ESD precautions are predominantly in effect
when handling the devices or board before being installed
in a system. In those cases, strict handling procedures
need be implemented during the manufacturing process
to greatly reduce the occurrences of catastrophic ESD
events. After the system is assembled, internal compo-
nents are less sensitive from ESD events.
See Section 8.0 for ESD rating.
5.3 Clock In (X1) Recommendations
The DP83848M supports an external CMOS level oscilla-
tor source or a crystal resonator device.
Oscillator
If an external clock source is used, X1 should be tied to
the clock source and X2 should be left floating.
The CMOS oscillator specifications for MII Mode are listed
in Table 7. 25 MHz Oscillator Specification. For RMII
Mode, the CMOS oscillator specifications are listed in
Table 8. 50 MHz Oscillator Specification. For RMII mode,
it is not recommended that the system clock out, Pin 21,
be used as the reference clock to the MAC without first
verifying the interface timing. See AN-1405 for more
details.
Crystal
A 25 MHz, parallel, 20 pF load crystal resonator should be
used if a crystal source is desired. Figure 12 shows a typi-
cal connection for a crystal resonator circuit. The load
capacitor values will vary with the crystal vendors; check
with the vendor for the recommended loads.
The oscillator circuit is designed to drive a parallel reso-
nance AT cut crystal with a minimum drive level of 100
µW
and a maximum of 500
µW. If a crystal is specified for a
lower drive level, a current limiting resistor should be
placed in series between X2 and the crystal.
As a starting point for evaluating an oscillator circuit, if the
requirements for the crystal are not known, CL1 and CL2
should be set at 33 pF, and R1 should be set at 0Ω.
Specification for 25 MHz crystal are listed in Table 8.
Figure 12. Crystal Oscillator Circuit
X1
X2
CL2
CL1
R1
Table 7. 25 MHz Oscillator Specification
Parameter
Min
Typ
Max
Units
Condition
Frequency
25
MHz
Frequency
Tolerance
+50
ppm
Operational Tem-
perature
Frequency
Stability
+50
ppm
1 year aging
Rise / Fall Time
6
nsec
20% - 80%
Jitter
8001
psec
Short term
Jitter
8001
psec
Long term
Symmetry
40%
60%
Duty Cycle
1. This limit is provided as a guideline for component selection and not guaranteed by production testing. Refer to AN-
1548, “PHYTER 100 Base-TX Reference Clock Jitter Tolerance,” for details on jitter performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com