Electronic Components Datasheet Search
  English  ▼

X  

DP83848M Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848M
Description  PHYTER짰 Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848M Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83848M Datasheet HTML 1Page - National Semiconductor (TI) DP83848M Datasheet HTML 2Page - National Semiconductor (TI) DP83848M Datasheet HTML 3Page - National Semiconductor (TI) DP83848M Datasheet HTML 4Page - National Semiconductor (TI) DP83848M Datasheet HTML 5Page - National Semiconductor (TI) DP83848M Datasheet HTML 6Page - National Semiconductor (TI) DP83848M Datasheet HTML 7Page - National Semiconductor (TI) DP83848M Datasheet HTML 8Page - National Semiconductor (TI) DP83848M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
© 2008 National Semiconductor Corporation
www.national.com
DP83848M PHYTER
® Mini - Commercial Temperature
Single 10/100 Ethernet Transceiver
May 2008
Features
• Low-power 3.3V, 0.18
µm CMOS technology
• Auto-MDIX for 10/100 Mb/s
• Energy Detection Mode
• 3.3V MAC Interface
• RMII Rev. 1.2 Interface (configurable)
• MII Interface
• MII serial management interface (MDC and MDIO)
• IEEE 802.3u Auto-Negotiation and Parallel Detection
• IEEE 802.3u ENDEC, 10BASE-T transceivers and filters
• IEEE 802.3u PCS, 100BASE-TX transceivers and filters
• Integrated ANSI X3.263 compliant TP-PMD physical sub-
layer with adaptive equalization and Baseline Wander
compensation
• Error-free Operation up to 137 meters
• ESD protection - 4KV Human body model
• Configurable LED for link and activity
• Supports system clock from oscillator
• Single register access for complete PHY status
• 10/100 Mb/s packet BIST (Built in Self Test)
• 40 pin LLP package (6mm) x (6mm) x (0.8mm)
General Description
The DP83848M PHYTER Mini addresses the quality, reli-
ability and small form factor required for space sensitive
applications in embedded systems.
The device offers performance far exceeding the IEEE
specifications, with superior interoperability and industry
leading performance beyond 137m of Cat-V cable. The
DP83848M also offers Auto-MDIX to remove cabling com-
plications. DP83848M has superior ESD protection,
greater than 4KV Human Body Model, providing extremely
high reliability and robust operation, ensuring a high level
performance in all applications.
National’s DP83848M incorporates a number of system
cost-reducing features not found on other supplier’s Physi-
cal layer products. For example, the DP83848M incorpo-
rates a 25MHz clock out that eliminates the need and
hence the space and cost, of an additional Media Access
Control (MAC) clock source component. In addition, both
MII and RMII are supported ensuring ease and flexibility of
design.
The DP83848M is offered in a tiny 6mm x 6mm LLP 40-pin
package and is ideal for industrial controls, building/factory
automation, transportation, test equipment and wireless
base stations.
Applications
• Peripheral devices
• Mobile devices
• Factory and building automation
• Base stations
System Diagram
Status
10BASE-T
or
100BASE-TX
MII/RMII
Typical Ethernet Application
Clock
LED
DP83848M
10/100 Ethernet
Transceiver
MPU/CPU
Source
PHYTER® is a registered trademark of National Semiconductor Corporation.


Similar Part No. - DP83848M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848M NSC-DP83848M Datasheet
912Kb / 72P
PHYTER짰 Mini / PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran
DP83848M NSC-DP83848M Datasheet
1,018Kb / 78P
Commercial Temperature Single 10/100 Ethernet Transceiver
logo
Texas Instruments
DP83848M TI1-DP83848M Datasheet
776Kb / 83P
PHYTER Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
DP83848M TI1-DP83848M Datasheet
2Mb / 84P
MII Serial Management Interface
DP83848MPHPEP TI-DP83848MPHPEP Datasheet
1Mb / 92P
MILITARY TEMPERATURE SINGLE PORT
More results

Similar Description - DP83848M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83848H NSC-DP83848H Datasheet
880Kb / 72P
PHYTER짰 Mini - Extreme Temperature Single 10/100 Ethernet Transceiver
DP83848J NSC-DP83848J Datasheet
872Kb / 72P
PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848M NSC-DP83848M Datasheet
912Kb / 72P
PHYTER짰 Mini / PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Tran
DP83848J NSC-DP83848J_07 Datasheet
1,015Kb / 78P
PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848C NSC-DP83848C_08 Datasheet
2Mb / 84P
PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848H NSC-DP83848H_08 Datasheet
1Mb / 80P
DP83848H PHYTER짰 Mini - Extreme Single 10/100 Ethernet Transceiver
DP83848J NSC-DP83848J_08 Datasheet
1Mb / 78P
PHYTER짰 Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver
DP83848K NSC-DP83848K_08 Datasheet
1Mb / 78P
PHYTER짰 Mini LS Industrial Temperature Single Port 10/100 Ethernet Transceiver
DP83848T NSC-DP83848T_08 Datasheet
1Mb / 81P
PHYTER짰 Mini - Industrial Temperature Single 10/100 Ethernet Transceiver
logo
Texas Instruments
DP83848M TI1-DP83848M_14 Datasheet
776Kb / 83P
PHYTER Mini - Commercial Temperature Single 10/100 Ethernet Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com