Electronic Components Datasheet Search
  English  ▼

X  

TA201 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # TA201
Description  Tachometer electronic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

TA201 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  TA201 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG TA201 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Tachometer electronic
www.baumerivo.com
2
TA201
Part number
TA201.00
AXA1
Voltage supply
1 24 / 48 VAC
2 115 / 230 VAC
3 24 VDC
Rotation speed ratio display
Large 14 mm display LED, 6-digits, programmable
Comparator input
Input circuit
Inputs
PNP- / NPN-logic
Input level
Programmable
Input level Low
0...2 VDC
Input level High
3...40 VDC
Input resistance
3 kΩ
Trigger level
F1 A
F1 B
F2 Start
Stop
A 90° B
Measuring value F1
Measuring value F2
Measuring value F3
Ratio F1 : F2
Difference F1 – F2
Stretching
Shrinking
Run time (measuring
value 1 not active)
Time (measuring
value 2 not active)
2
3
4
5
6
7
8
9
Signal
Sensor
supply
+
-
Voltage
supply
+
-
Block circuit diagram
Dimensions
96
109
123.75
19.75
1-10
7
Signal
Sensor
supply
max. 250 V
terminal - terminal /
- terminal
1
2
3
4
5
6
7
8
9
Connection diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com