Electronic Components Datasheet Search
  English  ▼

X  

TA201 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # TA201
Description  Tachometer electronic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

TA201 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  TA201 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG TA201 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.baumerivo.com
Tachometer electronic
1
www.baumerivo.com
www.baumerivo.com
TA201 - LED-Tachometer
Features
Tachometer for two rotation speeds and velocity
–
Display 6-digits
–
Connection: Two one-channel digital sensors or
–
potential-free contacts
Ratio display
–
Impulse evaluation programmable
–
Input F1 with phase evaluation
–
Period duration measurement
–
Technical data - electrical ratings
Voltage supply
115/230 VAC ±10 % (50/60 Hz)
24/48 VAC ±10 % (50/60 Hz)
24 VDC ±10 %
Power consumption
7 VA, 5 W
Sensor supply
12...26 VDC / max. 100 mA
Display
LED, 7-segment display
Number of digits
6-digits
Digit height
14 mm
Unit displayed
1/s, 1/min, 1/h programmable
Function
Tachometer for 2 measured
values and calculator function
Measuring principle
Period duration measurement
Calculating functions
Difference F1-F2
Ratio F1:F2
Stretch-/shrinking (F2-F1):F1
Flow
Pulse rate measurement
Signal inputs
Comparator inputs
Input logic
NPN / PNP
Control inputs
2 Inputs
Control functions
Start, Stop
Counting frequency
F1: 10 kHz / F2: 25 Hz, 40 kHz
Scaling factor
0.0001...9999.99
Data memory
>10 years in EEPROM
Standard
DIN EN 61010-1
Protection class II
Overvoltage category II
Pollution degree 2
Emitted interference
DIN EN 61000-6-3
Interference immunity
DIN EN 61000-6-2
Programmable
parameters
Assignment F1, F2 or F3
Calculating functions
Count frequency
Approvals
UL/cUL, CE conform
TA201
Technical data - mechanical design
Operating temperature
0...+50 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
E-connection
Plug-in screw terminals
Core cross-section
1.5 mm²
Protection DIN EN 60529 IP 65 face with seal
Operation / keypad
Membrane with softkeys
Housing type
Housing for control panel
installation
Dimensions W x H x L
96 x 48 x 124 mm
Cutout dimensions
93 x 45 mm (+0.6)
Installation depth
123.75 mm
Mounting
Front panel installation by clip
frame
Weight approx.
350 g (AC), 250 g (DC)
Material
Housing: Makrolon 6485 (PC)
Rotation speed ratio display
Large 14 mm display LED, 6-digits, programmable
Two tachos to capture and display for example rotation
speed and velocity by “F1” and “F2” as well as an operator-
programmed calculating function that can be selected and
displayed by “F3”. The calculating function may be used for
example to evaluate ratio, difference, stretching/shrinking,
flow, time elapsed with start and stop signal, impulse rate
measurement, period or impulse duraction.
Description


Similar Part No. - TA201

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TA201 TEWS-TA201 Datasheet
443Kb / 3P
32x ADC, 16x/0x DAC and 8x Digital I/O
2017-12-05
TA201 TEWS-TA201 Datasheet
450Kb / 3P
Reconfigurable FPGA with 16 x 16 bit Analog Input
2023-08-16
logo
Powerex Power Semicondu...
TA201016 POWEREX-TA201016 Datasheet
200Kb / 4P
Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
TA201018 POWEREX-TA201018 Datasheet
200Kb / 4P
Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
logo
Toshiba Semiconductor
TA2011S TOSHIBA-TA2011S Datasheet
213Kb / 5P
MIC AMP IC
More results

Similar Description - TA201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L290 STMICROELECTRONICS-L290 Datasheet
104Kb / 8P
TACHOMETER CONVERTER
Mar-1993
logo
List of Unclassifed Man...
WD1A ETC1-WD1A Datasheet
99Kb / 2P
Tachometer Transmitter
logo
Baumer IVO GmbH & Co. K...
ISI36 IVO-ISI36 Datasheet
570Kb / 4P
Tachometer electronic
TA134 IVO-TA134 Datasheet
423Kb / 2P
Tachometer electronic
TA200 IVO-TA200 Datasheet
382Kb / 2P
Tachometer electronic
TA202 IVO-TA202 Datasheet
536Kb / 4P
Tachometer electronic
logo
Extech Instruments Corp...
461891 EXTECH-461891 Datasheet
71Kb / 4P
Contact Tachometer
logo
Omron Electronics LLC
H7CX-X-N OMRON-H7CX-X-N Datasheet
5Mb / 56P
Multifunction Counter/Tachometer
logo
STMicroelectronics
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
Tachometer input
04-Nov-2014
logo
Pepperl+Fuchs Inc.
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
Timer, Counter, Tachometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com