Electronic Components Datasheet Search
  English  ▼

X  

SMF05C Datasheet(PDF) 1 Page - Semtech Corporation

Part # SMF05C
Description  TVS Diode Array For ESD and Latch-Up Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMF05C Datasheet(HTML) 1 Page - Semtech Corporation

  SMF05C Datasheet HTML 1Page - Semtech Corporation SMF05C Datasheet HTML 2Page - Semtech Corporation SMF05C Datasheet HTML 3Page - Semtech Corporation SMF05C Datasheet HTML 4Page - Semtech Corporation SMF05C Datasheet HTML 5Page - Semtech Corporation SMF05C Datasheet HTML 6Page - Semtech Corporation SMF05C Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.semtech.com
PRELIMINARY
PROTECTION PRODUCTS
SMF05C
TVS Diode Array
For ESD and Latch-Up Protection
Description
Features
Circuit Diagram
Schematic & PIN Configuration
Revision 08/04/04
The SMF series TVS arrays are designed to protect sen-
sitive electronics from damage or latch-up due to ESD
and other voltage-induced transient events. They are
designed for use in applications where board space is at
a premium. Each device will protect up to five lines. They
are unidirectional devices and may be used on lines where
the signal polarities are above ground.
TVS diodes are solid-state devices designed specifically
for transient suppression. They feature large cross-sec-
tional area junctions for conducting high transient cur-
rents. They offer desirable characteristics for board level
protection including fast response time, low operating
and clamping voltage, and no device degradation.
The SMF series devices may be used to meet the immu-
nity requirements of IEC 61000-4-2, level 4. The small
SC70 package makes them ideal for use in portable elec-
tronics such as cell phones, PDA’s, notebook comput-
ers, and digital cameras.
1
2
34
5
6
13
4
5
6
2
Applications
Mechanical Characteristics
Cellular Handsets and Accessories
Cordless Phones
Personal Digital Assistants (PDA’s)
Notebooks and Handhelds
Portable Instrumentation
Digital Cameras
Peripherals
MP3 Players
ESD protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
Small package for use in portable electronics
Protects five I/O lines
Working voltage: 5V
Low leakage current
Low operating and clamping voltages
Solid-state silicon-avalanche technology
EIAJ SC70-6L package
Molding compound flammability rating: UL 94V-0
Marking : Marking Code
Packaging : Tape and Reel per EIA 481
SC70-6L (Top View)


Similar Part No. - SMF05C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05C SEMTECH-SMF05C Datasheet
151Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
logo
Protek Devices
SMF05C PROTEC-SMF05C Datasheet
112Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
logo
ON Semiconductor
SMF05C ONSEMI-SMF05C Datasheet
59Kb / 4P
5-Line Transient Voltage Suppressor Array
June, 2004 ??Rev. 1
logo
Protek Devices
SMF05C PROTEC-SMF05C Datasheet
672Kb / 7P
MULTI-LINE TVS ARRAY
SMF05C PROTEC-SMF05C Datasheet
674Kb / 7P
MULTI-LINE TVS ARRAY
More results

Similar Description - SMF05C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05 SEMTECH-SMF05 Datasheet
160Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection?
SMF05C SEMTECH-SMF05C Datasheet
151Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
SMS05 SEMTECH-SMS05 Datasheet
161Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
SMS05C SEMTECH-SMS05C Datasheet
164Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com