Electronic Components Datasheet Search
  English  ▼

X  

SMF05C Datasheet(PDF) 3 Page - Semtech Corporation

Part # SMF05C
Description  TVS Diode Array For ESD and Latch-Up Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SMF05C Datasheet(HTML) 3 Page - Semtech Corporation

  SMF05C Datasheet HTML 1Page - Semtech Corporation SMF05C Datasheet HTML 2Page - Semtech Corporation SMF05C Datasheet HTML 3Page - Semtech Corporation SMF05C Datasheet HTML 4Page - Semtech Corporation SMF05C Datasheet HTML 5Page - Semtech Corporation SMF05C Datasheet HTML 6Page - Semtech Corporation SMF05C Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
 2004 Semtech Corp.
www.semtech.com
PROTECTION PRODUCTS
PRELIMINARY
PROTECTION PRODUCTS
SMF05C
Typical Characteristics
0.01
0.1
1
10
0.1
1
10
100
1000
Pulse Duration - tp (µs)
Non-Repetitive Peak Pulse Power vs. Pulse Time
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (
oC)
Power Derating Curve
Clamping Voltage vs. Peak Pulse Current
Capacitance vs. Reverse Voltage
ESD Clamping Characteristics
(8kV Contact Discharge per IEC 61000-4-2)
0
20
40
60
80
100
120
140
01234
5
6
Reverse Voltage - VR (V)
f = 1MHz
0
1
2
3
4
5
6
7
8
9
02
46
8
10
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
Pulse Waveform
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (µs)
e
-t
td = IPP/2
Waveform
Parameters:
tr = 8µs
td = 20µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com