Electronic Components Datasheet Search
  English  ▼

X  

U2044B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # U2044B
Description  Dual Output Flasher
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2044B Datasheet(HTML) 1 Page - ATMEL Corporation

  U2044B_08 Datasheet HTML 1Page - ATMEL Corporation U2044B_08 Datasheet HTML 2Page - ATMEL Corporation U2044B_08 Datasheet HTML 3Page - ATMEL Corporation U2044B_08 Datasheet HTML 4Page - ATMEL Corporation U2044B_08 Datasheet HTML 5Page - ATMEL Corporation U2044B_08 Datasheet HTML 6Page - ATMEL Corporation U2044B_08 Datasheet HTML 7Page - ATMEL Corporation U2044B_08 Datasheet HTML 8Page - ATMEL Corporation U2044B_08 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
• Temperature and Supply Voltage Compensated Flashing Frequency
• Frequency Doubling Indicates Lamp Outage
• Two Relay Driver Outputs with High Current-carrying Capacity and Low Saturation
Voltage
• Minimum Lamp Load for Flasher Operation:
≥ 1W
• Very Low Susceptibility to EMI
• Protection According to ISO/TR7637/1 Level 4
• Extremely Low Current Consumption < 10 µA (with Switches Open)
• Reverse Polarity Protection
• Three Control Inputs: Left, Right and Hazard Warning
1.
Description
The integrated circuit U2044B is used in relay-controlled automotive flashers. With
two output stages, each side of the vehicle is controlled separately. A left and a right
direction indicator input with only a small control current makes switch contacts for
small loads possible.
The separate hazard warning input simplifies the construction of the hazard switch.
Lamp outage is indicated by frequency doubling during direction mode. Thanks to
extreme low current consumption the U2044B can be directly connected to the
battery.
Dual Output
Flasher
U2044B
4721C–AUTO–02/08


Similar Part No. - U2044B_08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2044B ATMEL-U2044B_05 Datasheet
227Kb / 9P
Dual Output Flasher
More results

Similar Description - U2044B_08

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2044B TEMIC-U2044B Datasheet
177Kb / 6P
Dual Output Flasher
logo
ATMEL Corporation
U2044B ATMEL-U2044B Datasheet
215Kb / 8P
DUAL OUTPUT FLASHER
logo
Unisonic Technologies
L2044 UTC-L2044 Datasheet
101Kb / 3P
DUAL OUTPUT FLASHER
LL204 UTC-LL204 Datasheet
104Kb / 4P
DUAL OUTPUT FLASHER
logo
ATMEL Corporation
U2044B ATMEL-U2044B_05 Datasheet
227Kb / 9P
Dual Output Flasher
logo
BOWIN ELECTRONIC CO.
M34-2L BOWIN-M34-2L Datasheet
21Kb / 2P
SINGLE OUTPUT LED FLASHER IC
logo
Unisonic Technologies
L2044 UTC-L2044_10 Datasheet
157Kb / 3P
DUAL OUTPUT FLASHER
L2044 UTC-L2044_15 Datasheet
195Kb / 5P
DUAL OUTPUT FLASHER
LL204 UTC-LL204_15 Datasheet
231Kb / 5P
DUAL OUTPUT FLASHER
LL204 UTC-LL204_17 Datasheet
218Kb / 5P
DUAL OUTPUT FLASHER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com