Electronic Components Datasheet Search
  English  ▼

X  

U2044B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # U2044B
Description  Dual Output Flasher
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2044B Datasheet(HTML) 5 Page - ATMEL Corporation

  U2044B_08 Datasheet HTML 1Page - ATMEL Corporation U2044B_08 Datasheet HTML 2Page - ATMEL Corporation U2044B_08 Datasheet HTML 3Page - ATMEL Corporation U2044B_08 Datasheet HTML 4Page - ATMEL Corporation U2044B_08 Datasheet HTML 5Page - ATMEL Corporation U2044B_08 Datasheet HTML 6Page - ATMEL Corporation U2044B_08 Datasheet HTML 7Page - ATMEL Corporation U2044B_08 Datasheet HTML 8Page - ATMEL Corporation U2044B_08 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
4721C–AUTO–02/08
U2044B
3.6
Lamp Outage Detection (Pin 8)
The lamp current is monitored via an external shunt resistor, R
Shunt and an internal comparator,
K1, with its reference voltage of typically 81 mV (V
S = 12V). The outage of one lamp out of two
lamps is detected according to the following calculation:
Nominal current of 1 lamp: 21W/(V
S = 12V):
I
lamp = 1.75A
Nominal current of 2 lamps: 2
× 21W/(V
S = 12V):
I
lamp = 3.5A
We recommend setting the detection threshold in the middle of the current range: I
outage ≈
2.7A
Thus the shunt resistor is calculated as:
R
Shunt = VT (K1)/Ioutage
R
Shunt = 81 mV/2.7 A = 30 mΩ
Comparator K1’s reference voltage is matched to the characteristics of filament lamps (see sec-
tion “Control Signal Threshold”).
The combination of the shunt resistor and the resistance of the wire harness prevents pin 8 from
a too high voltage in the case of shorted lamps.
3.7
Supply Voltage (Pin 9)
This pin supplies the oscillator, the comparators and the logic parts of the IC.
3.8
GND (Pin 10)
The integrated circuit is protected against transients according to ISO-TR 7637-3 level 3 via
resistor R
2 to ground (–31). An integrated protection circuit together with external resistors R2,
R
3, R4, R6, R8 and R9 limits the current pulses in the IC. The IC is also protected against reversed
battery.
3.9
Control Output Relay 1 and 2 (Pin 11 and 13)
The relay control outputs are high-side drivers with a low saturation voltage and capable of driv-
ing a typical automotive relay with a coil resistance of 60
Ω.
3.10
Supply Voltage Power (Pin 12)
This pin supplies the relay drivers connected directly to the battery (Kl 30). It is internally
clamped by a 27-V Z-diode.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com