Electronic Components Datasheet Search
  English  ▼

X  

ATR2406 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR2406
Description  Low-IF 2.4-GHz ISM Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2406 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR2406 Datasheet HTML 1Page - ATMEL Corporation ATR2406 Datasheet HTML 2Page - ATMEL Corporation ATR2406 Datasheet HTML 3Page - ATMEL Corporation ATR2406 Datasheet HTML 4Page - ATMEL Corporation ATR2406 Datasheet HTML 5Page - ATMEL Corporation ATR2406 Datasheet HTML 6Page - ATMEL Corporation ATR2406 Datasheet HTML 7Page - ATMEL Corporation ATR2406 Datasheet HTML 8Page - ATMEL Corporation ATR2406 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Features
• Fully Integrated Low IF Receiver
• Fully Integrated GFSK Modulator for 72, 144, 288, 576 and 1152 Kbits/s
• High Sensitivity of Typically –93 dBm Due to Integrated LNA
• High Output Power of Typically +4 dBm
• Multi-channel Operation
– 95 Channels
– Support Frequency Hopping (ETSI) and Digital Modulation (FCC)
• Supply-voltage Range 2.9V to 3.6V (Unregulated)
• Auxiliary Voltage Regulator on Chip (3.2V to 4.6V)
• Low Current Consumption
• Few Low-cost External Components
• Integrated Ramp-signal Generator and Power Control for an Additional Power Amplifier
• Low Profile Lead-free Plastic Package QFN32 (5 mm
× 5 mm × 0.9 mm)
• RoHs Compliant
Applications
• High-tech Multi-user Toys
• Wireless Game Controllers
• Telemetry
• Wireless Audio/Video
• Electronic Point of Sales
• Wireless Head Set
• FCC CFR47, Part 15, ETSI EN 300 328, EN 300 440 and ARIB STD-T-66 Compliant Radio
Links
1.
Description
The ATR2406 is a single chip RF transceiver intended for applications in the 2.4-GHz
ISM band. The QFN32-packaged IC is a complete transceiver including image rejec-
tion mixer, low IF filter, FM demodulator, RSSI, TX preamplifier, power-ramping
generator for external power amplifier, integrated synthesizer, and a fully integrated
VCO and TX filter. No mechanical adjustment is necessary in production.
The RF transceiver offers a clock recovery function on-chip.
Low-IF 2.4-GHz
ISM Transceiver
ATR2406
4779N–ISM–12/08


Similar Part No. - ATR2406

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406 ATMEL-ATR2406 Datasheet
850Kb / 25P
Low-IF 2.4-GHz ISM Transceiver
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
682Kb / 20P
LOW IF .4 GHZ ISM TRANSCEIVER
ATR2406-DEV-BOARD ATMEL-ATR2406-DEV-BOARD Datasheet
850Kb / 25P
Low-IF 2.4-GHz ISM Transceiver
ATR2406-DEV-KIT ATMEL-ATR2406-DEV-KIT Datasheet
682Kb / 20P
LOW IF .4 GHZ ISM TRANSCEIVER
More results

Similar Description - ATR2406

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
June 1997
logo
ATMEL Corporation
T2803 ATMEL-T2803 Datasheet
501Kb / 27P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
ATR2406 ATMEL-ATR2406 Datasheet
682Kb / 20P
LOW IF .4 GHZ ISM TRANSCEIVER
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2806 ATMEL-ATR2806 Datasheet
172Kb / 3P
LOW IF WDCT 2.4 GHz TRANSCEIVER
ATR2806 ATMEL-ATR2806_05 Datasheet
182Kb / 3P
Low IF WDCT 2.4 GHz Transceiver
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
Low-IF 2.4-GHz ISM Transceiver
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
Low-IF 2.4-GHz ISM Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com