Electronic Components Datasheet Search
  English  ▼

X  

ATR2406 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATR2406
Description  Low-IF 2.4-GHz ISM Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR2406 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATR2406 Datasheet HTML 2Page - ATMEL Corporation ATR2406 Datasheet HTML 3Page - ATMEL Corporation ATR2406 Datasheet HTML 4Page - ATMEL Corporation ATR2406 Datasheet HTML 5Page - ATMEL Corporation ATR2406 Datasheet HTML 6Page - ATMEL Corporation ATR2406 Datasheet HTML 7Page - ATMEL Corporation ATR2406 Datasheet HTML 8Page - ATMEL Corporation ATR2406 Datasheet HTML 9Page - ATMEL Corporation ATR2406 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
4779N–ISM–12/08
ATR2406
6.
Electrical Characteristics
V
S = 3.6V with AUX regulator, Tamb = 25°C, unless otherwise specified
No.
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
1
Supply
1.1
Supply voltage
With AUX regulator
V
S
3.2
3.6
4.6
V
1.2
Supply voltage
Without AUX regulator
VS
2.9
3.0
3.6
V
1.3
RX supply current
CW mode (peak current)
I
S
57
mA
Burst mode at 10 Kbits/s(4)
I
S
625
µA
1.4
TX supply current
CW mode (peak current)
IS
42
mA
Burst mode at 10 Kbits/s(4)
I
S
500
µA
1.5
Battery lifetime of a remote
control application using an
AVR®
See Section 10. “Appendix: Current
Calculations for a Remote Control”
on page 20
1.6
Supply current in power-down
mode
With AUX regulator
PU_TRX = 0; PU_REG = 0
I
S
< 1
µA
1.7
Supply current in power-down
mode
Without AUX regulator
PU_TRX = 0; PU_REG = 0
IS
< 1
µA
2
Voltage Regulator
2.1
AUX regulator
VREG
3.0
V
2.2
VCO regulator
VREG_VCO
2.7
V
3
Transmitter Part
3.1
TX data rate
72/144/288/576/1152
kBits/s
3.2
Output power
PTX
4
dBm
3.3
TX data filter clock
9 taps in filter
fTXFCLK
10.368/13.824
MHz
3.4
Frequency deviation
To be tuned by GFCS bits
GF
FM_nom
±400
kHz
3.5
Frequency deviation scaling(3)
GFFM = GFFM_nom × GFCS
(Refer to bus protocol D9 to D11)
GFCS
60
130
%
3.6
Frequency drift
With standard loop filter and slot
length of 1400 µs (Refer to the
application note “ATR2406 Loop
Filter and Data Rates”)
Δfo (drift)
±40
kHz
3.7
Harmonics
BW = 100 kHz(1)
–41.2
dBm
3.8
Spurious emissions
30 – 1000 MHz
1 – 12.75 GHz
1.8 – 1.9 GHz
5.15 – 5.3 GHz
BW = 100 kHz(1)
–57
–57
–57
–57
dBm
dBm
dBm
dBm
4
Ramp Generator, Pin 21
4.1
Minimum output voltage
TX_ON = low
Vmin
0.7
V
4.2
Maximum output voltage
Refer to bus protocol D12 to D13
V
max
1.1
1.9
V
4.3
Rise time
tr
5µs
4.4
Fall time
tf
5µs
Notes:
1. Measured and guaranteed only on the Atmel® evaluation board, including microstrip filter, balun, and Smart Radio Fre-
quency (Smart RF) firmware. Conducted measured.
2. Timing is determined by external loop filter characteristics. Faster timing can be achieved by modification of the loop filter.
For further information refer to the application notes.
3. The Gaussian filter control setting (GFCS) is used to compensate production tolerances by tuning the modulation deviation
in production to the nominal value of 400 kHz.
4. Burst mode with 0.9% duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com