Electronic Components Datasheet Search
  English  ▼

X  

ATA5428-PLSW Datasheet(PDF) 77 Page - ATMEL Corporation

Part # ATA5428-PLSW
Description  UHF ASK/FSK Transceiver
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5428-PLSW Datasheet(HTML) 77 Page - ATMEL Corporation

Back Button ATA5428-PLSW Datasheet HTML 73Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 74Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 75Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 76Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 77Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 78Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 79Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 80Page - ATMEL Corporation ATA5428-PLSW Datasheet HTML 81Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 100 page
background image
77
4841D–WIRE–10/07
ATA5423/ATA5425/ATA5428/ATA5429
3.9
Impedance RF_OUT in
RX mode
f
RF = 315 MHz
10
Z
RF_OUT_RX
(36 – j502)
Ω
C
f
RF = 345 MHz
10
Z
RF_OUT_RX
(33 – j480)
Ω
C
f
RF = 433.92 MHz
10
Z
RF_OUT_RX
(19 – j366)
Ω
C
f
RF = 868.3 MHz
10
Z
RF_OUT_RX
(2.8 – j141)
Ω
C
f
RF = 915 MHz
10
Z
RF_OUT_RX
(2.6 – j135)
Ω
C
3.10
Noise floor power
amplifier
at ±10 MHz/at 5 dBm
fRF = 315 MHz
(10)
L
TX10M
–127
dBC/Hz
C
fRF = 345 MHz
(10)
LTX10M
–126
dBC/Hz
C
fRF = 433.92 MHz
(10)
LTX10M
–126
dBC/Hz
C
fRF = 868.3 MHz
(10)
LTX10M
–125
dBC/Hz
C
fRF = 915 MHz
(10)
LTX10M
–125
dBC/Hz
C
3.11 ASK modulation rate
This corresponds to
10 Kbit/s Manchester
coding and 20 Kbit/s
NRZ coding
fData_ASK
110
kHz
C
4XTO
4.1
Pulling XTO due to XTO,
C
L1 and CL2 tolerances
Pulling at nominal
temperature and supply
voltage
fXTAL = resonant
frequency of the XTAL
C0 ≥ 1.0 pF
Rm ≤ 120Ω
24, 25
∆f
XTO1
A
Cm ≤ 7.0 fF
C
m ≤ 14 fF
–50
–100
fXTAL
+50
+100
ppm
4.2
Transconductance XTO at
start
At start
-up; after
start
-up the amplitude
is regulated to VPPXTAL
24, 25
gm, XTO
19
ms
B
4.3
XTO start
-up time
C0 ≤ 2.2 pF
C
m < 14fF
Rm ≤ 120Ω
24, 25
T
PWR_ON_IRQ_1
300
800
µs
A
4.4
Maximum C0 of XTAL
Required for stable
operation with internal
load capacitors
24, 25
C0max
3.8
pF
D
4.5
Internal capacitors
C
L1 and CL2
24, 25
C
L1, CL2
14.8
18 pF
21.2
pF
B
12. Electrical Characteristics: General (Continued)
This device is manufactured with an industrial (not automotive) grade process and process controls. Although this device may
meet certain automotive grade criteria in performance, Atmel can not recommend that this device be used in any automotive
application.
All parameters refer to GND and are valid for Tamb = 25°C, VVS1 = VVS2 = 3.0V (1-battery application), VVS2 = 6.0V (2-battery application)
and VVS2 = VVAUX = 5.0V (Base-station Application). Typical values are given at fRF = 433.92 MHz unless otherwise specified. Details
about current consumption, timing and digital pin properties can be found in the specific sections of the “Electrical Characteristics”.
No. Parameters
Test Conditions
Pin(1)
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Pin numbers in brackets mean they were measured with RF_IN matched to 50
Ω according to Figure 3-1 on page 11 with
component values according to Table 3-2 on page 12 and RF_OUT matched to 50
Ω according to Figure 3-10 on page 21
with component values according to Table 3-7 on page 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com